Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS70102PWPR Datasheet HTML 1Page - Texas Instruments TPS70102PWPR Datasheet HTML 2Page - Texas Instruments TPS70102PWPR Datasheet HTML 3Page - Texas Instruments TPS70102PWPR Datasheet HTML 4Page - Texas Instruments TPS70102PWPR Datasheet HTML 5Page - Texas Instruments TPS70102PWPR Datasheet HTML 6Page - Texas Instruments TPS70102PWPR Datasheet HTML 7Page - Texas Instruments TPS70102PWPR Datasheet HTML 8Page - Texas Instruments TPS70102PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Line Reg. (mV)
+ (% V)
V
O
V
Imax
*2.7V
100
1000
Line Reg. (mV)
+ (% V)
V
O
V
Imax* VO)1V
100
1000
(3)
If VO < 1.8V then VImax = 6V, VImin = 2.7V:
If VO > 2.5V then VImax = 6V, VImin = VO + 1V:
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
THERMAL INFORMATION
TPS701xx
THERMAL METRIC(1) (2)
UNITS
PWP (20 PINS)
qJA
Junction-to-ambient thermal resistance
74.1
qJCtop
Junction-to-case (top) thermal resistance
43.1
qJB
Junction-to-board thermal resistance
19.7
°C/W
yJT
Junction-to-top characterization parameter
2.9
yJB
Junction-to-board characterization parameter
17.3
qJCbot
Junction-to-case (bottom) thermal resistance
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
RECOMMENDED OPERATING CONDITIONS
Over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage, VI
(1)(regulator 1 and 2)
2.7
6
V
Output current, IO (regulator 1)
0
500
mA
Output current, IO (regulator 2)
0
250
mA
Output voltage range (for adjustable option)
1.22
5.5
V
Operating junction temperature, TJ
–40
+125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
ELECTRICAL CHARACTERISTICS
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUT(nom) + 1V, IO = 1mA,
EN = 0V, CO = 33mF, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
2.7V < VI < 6V,
FB connected to VO
1.22
voltage
TJ = +25°C
2.7V < VI < 6V,
FB connected to VO
1.196
1.244
1.2V Output
2.7V < VI < 6V,
TJ = +25°C
1.2
2.7V < VI < 6V,
1.176
1.224
1.5V Output
2.7V < VI < 6V,
TJ = +25°C
1.5
Output
2.7V < VI < 6V,
1.47
1.53
VO
voltage(1) ,
V
(2)
1.8V Output
2.7V < VI < 6V,
TJ = +25°C
1.8
2.7V < VI < 6V,
1.764
1.836
2.5V Output
2.7V < VI < 6V,
TJ = +25°C
2.5
2.7V < VI < 6V,
2.45
2.55
3.3V Output
2.7V < VI < 6V,
TJ = +25°C
3.3
2.7V < VI < 6V,
3.234
3.366
(2)
TJ = +25°C
190
Quiescent current (GND current) for
mA
regulator 1 and regulator 2, EN = 0V(1)
(2)
230
VO + 1V < VI ≤ 6V,
TJ = +25°C
(1)
0.01%
Output voltage line regulation (
∆VO/VO)
V
for regulator 1 and regulator 2 (3)
VO + 1V < VI ≤ 6V
(1)
0.1%
Load regulation for VOUT 1 and VOUT2
TJ = +25°C
(2)
1
mV
(1)
Minimum input operating voltage is 2.7V or VO(typ) + 1V, whichever is greater. Maximum input voltage = 6V, minimum output
current = 1mA.
(2)
IO = 1mA to 250mA for Regulator 1 and 1mA to 125mA for Regulator 2.
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com