Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 4 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
2.4k
5
10
1
3
2
4
6
7
8
9
1.8k
600
V
OUT
V
IN-
V
IN+
PD
+
-
V
S+
V
S-
FB
1
FB
2
FB
3
FB
4
1
3
2
4
7
8
9
5
6
10
V
OUT1
V
IN1-
V
IN1+
V
S-
V
IN2+
V
IN2-
V
OUT2
V
S+
PD1
PD2
+
-
+
-
1
3
2
4
5
6
7
8
+
-
+
-
V
OUT1
V
IN1-
V
IN1+
V
S-
V
IN2+
V
IN2-
V
OUT2
V
S+
1
3
2
5
6
4
+ -
V
OUT
V
S-
V
IN+
V
S+
V
IN-
PD
OPA835, OPA2835
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
www.ti.com
5 OPA835-Related Devices
BW (AV = 1)
SLEW RATE
Iq (+5 V)
INPUT NOISE
PART NUMBER
RAIL-TO-RAIL IN/OUT
DUALS
MHz
V/µsec
mA
nV/
√Hz
OPA835
30
110
0.25
9.3
–VS/Out
OPA2835
OPA365
50
25
5
4.5
In/Out
OPA2365
THS4281
95
35
0.75
12.5
In/Out
LMH6618
140
45
1.25
10
In/Out
LMH6619
OPA836
205
560
1
4.6
–VS/Out
OPA2836
OPA830
310
600
3.9
9.5
–VS/Out
OPA2830
For a complete selection of TI High Speed Amplifiers, visit ti.com.
6 Pin Configuration and Functions
OPA835: DBV Package
OPA2835: D Package
6-Pin SOT-23
8-Pin SOIC
Top View
Top View
OPA835: RUN Package
10-Pin QFN
Top View
OPA2835: DGS Package
10-Pin VSSOP
Top View
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com