Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 1 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10k
100k
1M
10M
f - Frequency - Hz
V = 5 V,
G = 1,
V
= 2 Vpp,
R = 0
,
R = 2 k
S
OUT
F
L
W
W
HD3
HD2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA835, OPA2835
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
For battery-powered, portable applications where
1 Features
power
is
of
key
importance,
the
low
power
1
•
Ultra Low Power
consumption and high-frequency performance of the
–
Supply Voltage: 2.5 V to 5.5 V
OPA835 and OPA2835 devices offers performance
versus power that is not attainable in other devices.
–
Quiescent Current: 250 µA/ch (Typical)
Coupled with a power-savings mode to reduce
–
Power Down Mode: 0.5 µA (Typical)
current to < 1.5
μA, these devices offer an attractive
•
Bandwidth: 56 MHz (AV = 1 V/V)
solution for high-frequency amplifiers in battery-
powered applications.
•
Slew Rate: 160 V/µs
•
Rise Time: 10 ns (2 VSTEP)
The
OPA835
RUN
package
option
includes
integrated gain setting resistors for the smallest
•
Settling Time (0.1%): 55 ns (2 VSTEP)
possible
footprint
on
a
printed-circuit-board
•
Overdrive Recovery Time: 200 ns
(approximately 2 mm × 2 mm). By adding circuit
•
SNR: 0.00015% (–116.4 dBc) at 1 kHz (1 VRMS)
traces on the PCB, gains of +1, –1, –1.33, +2, +2.33,
•
THD: 0.00003% (–130 dBc) at 1 kHz (1 VRMS)
–3, +4, –4, +5, –5.33, +6.33, –7, +8 and inverting
attenuations of –0.1429, –0.1875, –0.25, –0.33, –0.75
•
HD2/HD3: –70 dBc/–73 dBc at 1 MHz (2 VPP)
can be achieved. See Table 3 and Table 4 for details.
•
Input Voltage Noise: 9.3 nV/
√Hz (f = 100 kHz)
The
OPA835
and
OPA2835
devices
are
•
Input Offset Voltage: 100 µV (±500-µV Maximum)
characterized
for
operation
over
the
extended
•
CMRR: 113 dB
industrial temperature range of –40°C to +125°C.
•
Output Current Drive: 40 mA
Device Information(1)
•
RRO: Rail-to-Rail Output
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Input Voltage Range: –0.2 V to 3.9 V
SOT-23 (6)
2.90 mm × 1.60 mm
(5-V Supply)
OPA835
QFN (10)
2.00 mm × 2.00 mm
•
Operating Temperature Range:
SOIC (8)
4.90 mm × 3.91 mm
–40°C to 125°C
VSSOP (10)
3.00 mm × 3.00 mm
OPA2835
2 Applications
UQFN (10)
2.00 mm × 2.00 mm
QFN (10)
2.00 mm × 2.00 mm
•
Low-Power Signal Conditioning
(1) For all available packages, see the package option addendum
•
Audio ADC Input Buffer
at the end of the data sheet.
•
Low-Power SAR and
ΔΣ ADC Driver
•
Portable Systems
Harmonic Distortion vs Frequency
•
Low-Power Systems
•
High-Density Systems
•
Ultrasonic Flow Meter
3 Description
The OPA835 and OPA2835 devices (OPAx835) are
single and dual ultralow-power, rail-to-rail output,
negative-rail
input,
voltage-feedback
(VFB)
operational amplifiers designed to operate over a
power supply range of 2.5-V to 5.5-V with a single
supply, or ±1.25-V to ±2.75-V with a dual supply.
Consuming only 250 µA per channel and with a unity
gain bandwidth of 56 MHz, these amplifiers set an
industry-leading performance-to-power ratio for rail-
to-rail amplifiers.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835 Datasheet
567Kb / 21P
50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
OPA835 TI-OPA835 Datasheet
3Mb / 56P
OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
SEPTEMBER 2024
More results

Similar Description - OPA835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com