Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 2 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
OPA835, OPA2835
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 24
1
Features .................................................................. 1
8.3
Feature Description................................................. 24
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 27
3
Description ............................................................. 1
9
Application and Implementation ........................ 30
4
Revision History..................................................... 2
9.1
Application Information............................................ 30
5
OPA835-Related Devices ...................................... 4
9.2
Typical Application .................................................. 36
6
Pin Configuration and Functions ......................... 4
10
Power Supply Recommendations ..................... 40
7
Specifications......................................................... 6
11
Layout................................................................... 40
7.1
Absolute Maximum Ratings ...................................... 6
11.1
Layout Guidelines ................................................. 40
7.2
ESD Ratings.............................................................. 6
11.2
Layout Example .................................................... 41
7.3
Recommended Operating Conditions ....................... 6
12
Device and Documentation Support ................. 42
7.4
Thermal Information: OPA835 ................................. 6
12.1
Device Support .................................................... 42
7.5
Thermal Information: OPA2835 ................................ 7
12.2
Documentation Support ........................................ 42
7.6
Electrical Characteristics: VS = 2.7 V........................ 7
12.3
Trademarks ........................................................... 42
7.7
Electrical Characteristics: VS = 5 V........................... 9
12.4
Electrostatic Discharge Caution ............................ 42
7.8
Typical Characteristics: VS = 2.7 V ......................... 12
12.5
Glossary ................................................................ 42
7.9
Typical Characteristics: VS = 5 V ............................ 18
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 24
Information ........................................................... 42
8.1
Overview ................................................................. 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (June 2015) to Revision H
Page
•
Changed package designator from DMC to RMC (typo)........................................................................................................ 5
•
Changed text in first paragraph of Power-Down Operation section ..................................................................................... 25
Changes from Revision F (June 2015) to Revision G
Page
•
Moved all switching parameters from the Switching Characteristics: VS = 2.7 V back into the Electrical
Characteristics: VS = 2.7 V table ........................................................................................................................................... 7
•
Moved all switching parameters from the Switching Characteristics: VS = 5 V table back into the Electrical
Characteristics: VS = 5 V table .............................................................................................................................................. 9
Changes from Revision E (July 2013) to Revision F
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Switching Characteristics tables, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
•
Moved the switching parameters from the Electrical Characteristics tables into Switching Characteristics tables. ............ 10
Changes from Revision D (October 2011) to Revision E
Page
•
Added RMC package to document......................................................................................................................................... 1
•
Added RMC pin definitions to Pin Functions table ................................................................................................................. 5
•
Added RMC to Thermal Information table.............................................................................................................................. 6
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com