Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 35Page - Texas Instruments OPA835 Datasheet HTML 36Page - Texas Instruments OPA835 Datasheet HTML 37Page - Texas Instruments OPA835 Datasheet HTML 38Page - Texas Instruments OPA835 Datasheet HTML 39Page - Texas Instruments OPA835 Datasheet HTML 40Page - Texas Instruments OPA835 Datasheet HTML 41Page - Texas Instruments OPA835 Datasheet HTML 42Page - Texas Instruments OPA835 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
-40
-30
-20
-10
0
1k
10k
100k
1M
f - Frequency - Hz
Sallen-Key
MFB
V = 5 V,
V
= 100 mV
S
OUT
pp
OPA835
330 pF
562 W
6.19 kW
2.2 nF
OPA 835
220 pF
1.82 kW
1.82 kW
4.22 kW
1.5 nF
OPA835, OPA2835
www.ti.com
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
9.2.2 Active Filters
The OPA835 and OPA2835 devices can be used to design active filters. Figure 79 and Figure 78 show MFB and
Sallen-Key circuits designed using the WEBENCH® Filter Designer (focus.ti.com) to implement second order low-
pass butterworth filter circuits. Figure 80 shows the frequency response.
MFB and Sallen-Key filter circuits offer similar performance. The main difference is the MFB is an inverting
amplifier in the pass band and the Sallen-Key is noninverting. The primary pro for each is the Sallen-Key in unity
gain has no resistor gain error term, and thus no sensitivity to gain error, while the MFB has inherently better
attenuation properties beyond the bandwidth of the op amp.
Figure 78. MFB 100-kHz Second-Order Low-Pass Butterworth Filter Circuit
Figure 79. Sallen-Key 100-kHz Second-Order Low-Pass Butterworth Filter Circuit
9.2.2.1 Application Curve
Figure 80. MFB and Sallen-Key Second-Order Low-Pass Butterworth Filter Response
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com