Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments OPA835 Datasheet HTML 21Page - Texas Instruments OPA835 Datasheet HTML 22Page - Texas Instruments OPA835 Datasheet HTML 23Page - Texas Instruments OPA835 Datasheet HTML 24Page - Texas Instruments OPA835 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
CMRR
PSRR
-80
-70
-60
-50
-40
-30
-20
-10
0
10k
100k
1M
10M
100M
f - Frequency - Hz
V = 5 V
S
Frequency (Hz)
1
10
100
1k
10k 100k
1M
10M
100M
1G
-405
-40
-360
-20
-315
0
-270
20
-225
40
-180
60
-135
80
-90
100
-45
120
0
140
D002
D007
Open Loop Gain Phase
Open Loop Gain Magnitude
V = 5 V
S
Frequency (Hz)
0.1
1
10
100
D001
D007
Voltage Noise
Current Noise
V = 5 V
S
10
100
1k
10k
100k
1M
10M
1
10
100
10
100
1000
C
- Capacitive Load - pF
LOAD
V = 5 V,
G = 1,
R = 0
,
R = 2 k
S
F
L
W
W
10K
100K
1M
10M
100M
1G
0.01
0.1
1
10
100
f - Frequency - Hz
V = 5 V,
G = 1
S
-9
-6
-3
0
3
100k
1M
10M
100M
1G
f - Frequency - Hz
C = 100 pF
R = 40.2
L
O
W
C = 220 pF
R = 24.9
L
O
W
C = 560 pF
R = 13
L
O
W
C = 10 pF
R = 0
L
O
W
C = 1 pF
R = 0
L
O
W
C = 22 pF
R = 76.8
L
O
W
C = 1000 pF
R = 10
L
O
W
V = 5 V,
G = 1,
R = 0
R = 2 k
S
F
L
W
W
OPA835, OPA2835
www.ti.com
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 Vpp, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and
output referenced to mid-supply. TA = 25°C, unless otherwise noted.
Figure 40. Frequency Response With Capacitive Load
Figure 39. Output Impedance vs Frequency
Figure 41. Series Output Resistor vs Capacitive Load
Figure 42. Input Referred Noise vs Frequency
Figure 43. Open-Loop Gain vs Frequency
Figure 44. Common Mode/Power Supply Rejection Ratios vs
Frequency
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com