Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 3 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
OPA835, OPA2835
www.ti.com
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
Changes from Revision C (September 2011) to Revision D
Page
•
Removed Product Preview from OPA835IRUNT and OPA835IRUNR .................................................................................. 4
•
Changed Resistor Temperature Coefficient From: TBD To: <10 ........................................................................................... 9
•
Changed Quiescent operating current To: Quiescent operating current per amplifier........................................................... 9
•
Changed Resistor Temperature Coefficient From: TBD To: <10 ......................................................................................... 11
•
Changed Quiescent operating current To: Quiescent operating current per amplifer.......................................................... 11
Changes from Revision B (May 2011) to Revision C
Page
•
Added the "The OPA835 RUN package..." text to the Description section............................................................................ 1
•
Removed Product Preview from all devices except OPA835IRUNT and OPA835IRUNR .................................................... 4
•
Replaced the TBD values in the Thermal Information table................................................................................................... 6
•
Changed - Channel to channel crosstalk (OPA2835) Typ value From: TBD To: –120 dB .................................................... 8
•
Changed the Common-mode rejection ratio Min value From: 91 dB To: 88 dB .................................................................... 8
•
Added GAIN SETTING RESISTORS (OPA835IRUN ONLY) ................................................................................................ 9
•
Changed the Quiescent operating current (TA = 25°C) Min value From: 190 µA To: 175 µA ............................................... 9
•
Changed the Power supply rejection (±PSRR) Min value From: 91 dB To: 88 dB ................................................................ 9
•
Changed the Power-down pin bias current CONDITIONS From: PD = 0.7 V To: PD = 0.5 V .............................................. 9
•
Changed the Power-down quiescent current CONDITIONS From: PD = 0.7 V To: PD = 0.5 V ........................................... 9
•
Changed - Channel to channel crosstalk (OPA2835) Typ value From: TBD To: -120 dB................................................... 10
•
Changed the Common-mode rejection ratio MIN value From: 94 dB To: 91 dB ................................................................. 11
•
Added GAIN SETTING RESISTORS (OPA835IRUN ONLY) .............................................................................................. 11
•
Changed the Quiescent operating current (TA = 25°C) Min value From: 215 µA To: 200 µA ............................................. 11
•
Changed the Power supply rejection (±PSRR) Min value From: 93 dB To: 90 dB .............................................................. 11
•
Changed the Power-down quiescent current CONDITIONS From: PD = 0.7 V To: PD = 0.5 V ......................................... 11
•
Changed the Power-down quiescent current CONDITIONS From: PD = 0.7 V To: PD = 0.5 V ......................................... 11
•
Added Figure Crosstalk vs Frequency ................................................................................................................................. 15
•
Added Figure Crosstalk vs Frequency ................................................................................................................................. 21
•
Added section Single-Ended to Differential Amplifier ........................................................................................................... 31
Changes from Revision A (March 2011) to Revision B
Page
•
Changed OPA835 from product preview to production data.................................................................................................. 1
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com