Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 29Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—25
Figure 11. 2s complement, MSB first, CKSLN = H, OMD = L
MSB
LSB
MSB
LSB
MSB
LSB
WCKO
1 / 4fs
BCKO
DOL
DOR
1
18
BCKO
DOL
DOR
1
20
BCKO
DOL
DOR
1
22
BCKO
DOL
DOR
MSB
MSB
1
24
DG
2
48
MSB
LSB
MSB
LSB
MSB
LSB
LSB
LSB
20
24
44
TB
TDW
18bit
OW1N = H
OW2N = H
20bit
OW1N = L
OW2N = H
22bit
OW1N = H
OW2N = L
24bit
OW1N = L
OW2N = L
192fs
internal
system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com