Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—9
Reset timing (RSTN)
VDD = VDDAC = 3.00 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C
Output timing (CKO, BCKO, WCKO, DOL, DOR, DG)
VDD = VDDAC = 4.75 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 70 °C, CL = 50 pF
P arameter
Symbol
Condition
Rating
Unit
min 1
1. tMCK is equal to 1/fXTI or 1/fOSC. For example, tRST = 54 ns when fXTI = 37 MHz.
typ
m a x
RSTN LO W -level reset pulsewidth
tRST
2tMCK
––
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
XTI falling edge to CKO falling edge delay
tXTO
4–9
ns
V DD = V DDAC = 3.00 to 5.25 V,
Ta = −40 to 85 °C
4–
1 1
ns
B C K O falling edge to W C K O , DOL, DOR,
DG delay
tBDO
−4–
2
ns
B C K O rising edge to W C K O falling edge
tWO H
Output mode: 8fs
OMD = HIGH (fs = 192 kHz)
External clock input:
XTI = 27 ns (37 MHz),
CKSLN = HIGH (192fs)
Divider ratio: 1
C K DV1 = CKDV2 = LOW
Output data length: 24 bits
O W1N = OW2N = LOW
8––
ns
W C K O falling edge to BCKO rising edge
tWO S
8––
ns
B C K O per iod
tOBCY
27
–
–
ns
B C K O HIGH-level pulsewidth
tOBCH
7––
ns
B C K O L OW -level pulsewidth
tOBCL
7––
ns
DOL, DOR setup time
tODS
7––
ns
DOL, DOR hold time
tODH
7––
ns
B C K O rising edge to W C K O falling edge
tWO H
Output mode: 4fs
OMD = LOW (fs = 192 kHz)
External clock input:
XTI = 27 ns (37 MHz),
CKSLN = HIGH (192fs)
Divider ratio: 1
C K DV1 = CKDV2 = LOW
Output data length: 24 bits
O W1N = OW2N = LOW
17
–
–
ns
W C K O falling edge to BCKO rising edge
tWO S
17
–
–
ns
B C K O per iod
tOBCY
54
–
–
ns
B C K O HIGH-level pulsewidth
tOBCH
18
–
–
ns
B C K O L OW -level pulsewidth
tOBCL
18
–
–
ns
DOL, DOR setup time
tODS
18
–
–
ns
DOL, DOR hold time
tODH
18
–
–
ns
1.5V
RSTN
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com