Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—12
4-times interpolation filter
4fs filter response with deemphasis OFF
4fs filter band transition response with deemphasis OFF
4fs filter passband response with deemphasis OFF
P arameter
Rating
P assband
0 to 0.4535fs
Stopband
0.5465fs to 3.4535fs
P assband ripple
≤ ±0.00002 dB
Stopband attenuation
≥ 116 dB
Group delay
Constant
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (
× fs)
140
120
100
80
60
40
20
0
0.000
0.125
0.250
0.375
0.500
Frequency (
× fs)
0.00008
0.00004
0.00000
-0.00004
-0.00008
0.440
0.465
0.490
0.515
0.540
0.565
0.590
0.615
0.640
140
120
100
80
60
40
20
0
Frequency (
× fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com