Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—7
AC Electrical Characteristics
Crystal oscillator (XTI, XTO)
VDD = VDDAC = 3.00 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C
External clock input (XTI)
VDD = VDDAC = 3.00 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C
Internal system clock
The crystal oscillator frequency or external clock input master clock frequency ratings are described in the pre-
ceding tables, but it is the internal system clock frequency rating, set by the internal frequency divider
(CKDV1, CKDV2), that must be satisfied. The master clock frequency is a multiple of the sampling frequency
fs.
CKDV1 = CKDV2 = LOW (internal system clock frequency = XTI input frequency),
VSS = VSSAC = 0 V, Ta = −40 to 85 °C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Oscillator frequency1
1. External circuit components should be matched for the crystal oscillator element used.
fOSC
–
–
5 0
MHz
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Master clock frequency
fXTI
–
–
6 0
MHz
Master clock duty
1/2VDD thresholds
4 0
–
6 0
%
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
256fs (CKSLN = LOW , CKDV1 = LOW , CKDV2 = LOW )
System clock frequency
fSYS1
V DD = V DDAC = 4.50 to 5.25 V
0.256
–
27.6
MHz
V DD = V DDAC = 3.00 to 5.25 V
0.256
–
2 5
192fs (CKSLN = HIGH, CKDV1 = LOW , CKDV2 = LOW )
System clock frequency
fSYS2
V DD = V DDAC = 4.75 to 5.25 V,
Ta = −40 to 70 °C
0.384
–
3 7
MHz
V DD = V DDAC = 3.00 to 5.25 V
0.384
–
20.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com