Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 29 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 29 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 30Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—29
TYPICAL APPLICATION (2)
This circuit shows a basic connection to a 24-bit
input DAC (Burr-Brown PCM1704U).
36.864 MHz external clock, 48/96/192 kHz sam-
pling rate fs, 24-bit data, 8fs or 4fs oversampling
operation (Note that certain circuit details required
for good DAC analog output characteristics have
been omitted.)
Figure 15. SM5847AF and Burr-Brown PCM1704U connection
Table 15. Operating mode select
Sampling
frequency
fs (kHz)
Internal system clock frequency divider ratio select
Output mode select
External
clock XTI
(MHz)
CKSLN = HIGH (192fs)
Mode
C K D V 1
C K D V 2
Divider
O M D
Output mode
4 8
768fs
HIGH
L O W
4
HIGH
8fs
36.864
9 6
384fs
HIGH
HIGH
2
HIGH
8fs
1 9 2
192fs
L O W
L O W
1
L O W
4fs
OMD
36.864MHz
CKDV1
CKDV2
fs
24-bit Data
Bit Clock
CKSLN
BCKO
WCKO
DOL
DOR
INF1N
IW1N/DIL
OW1N
OW2N
IW2N/DIR
VSS
VDD
VDD
VDDAC
VSSAC
VSS
AGND
AGND
DD
WCLK
20BIT
INVERT
DATA
BCLK
DD
DGND
-VCC
+VCC
AGND
AGND
+VDD
WCLK
20BIT
INVERT
DATA
BCLK
-VDD
DGND
-VCC
+VCC
SM5847AF
PCM1704U
PCM1704U
IOUT
IOUT
RSTN
I/V Converter
+5V
-5V
+5V
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
34
35
36
37
38
39
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
20
19
18
17
16
15
14
13
12
OMD
+V
-V
I/V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com