Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—17
Internal System Clock (XTI, XTO, CKO, CKSLN, CKDV1, CKDV2)
The SM5847AF supports two system clock frequen-
cies selected by CKSLN, 192fs and 256fs, where fs
is the sampling frequency.
The master clock can be provided either by a crystal
oscillator connected between XTI and XTO, or by an
external master clock input on XTI. Note that the
feedback resistor required by the oscillator option is
not built-in. External components should be selected
to match the crystal oscillator element. Note also that
XTO must be left open (floating) for the external
master clock input option.
Note that even though it is necessary that the master
clock and LRCI clock (sampling frequency fs) be in
sync, it is not necessary that they be exactly in-phase
(see jitter-free mode description).
The SM5847AF features independent divide-by 1, 2,
or 4counter, selected by CKDV1 and CKDV2. This
provides the 192fs or 256fs system clock with the
necessary divider ratios to support master clocks
with frequencies of 768fs, 384fs, 192fs, 1024fs,
512fs or 256fs.
Normal sampling frequencies 32 kHz, 44.1 kHz,
48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz and 192 kHz
are supported. However, some combinations of sam-
pling frequency and master clock frequency are not
supported, as follows.
s
768fs and 1024fs at 88.2 and 96 kHz
s
768fs, 384fs, 1024fs, 512fs, and 256fs at
176.4 kHz
s
768fs, 384fs, 1024fs, 512fs and 256fs at 192 kHz
Note also that the internal crystal oscillator circuit
cannot operate at frequencies
≥ 50 MHz. The master
clock input on XTI is output on CKO.
Master clock stop operation
The master clock is input after power is applied.
But if, after the XTI and LRCI clocks are input and
power-ON reset occurs with all-zero input audio
data, the master clock input on XTI is held either
HIGH or LOW level, operation effectively stops.
Note also that a reset signal is not accepted when the
master clock and LRCI clock stop.
Table 4. Internal system clock select
CKSLN
System clock
L O W
256fs
HIGH
192fs
Table 5. System clock frequency divider ratio select
CKD V 1
CKD V 2
Divider
ratio
Master clock
L O W
L O W
1
192fs, 256fs
L O W
HIGH
–
Prohibited mode
HIGH
L O W
4
768fs, 1024fs
HIGH
HIGH
2
384fs,512fs
Figure 3. Crystal oscillator connection
Figure 4. External clock connection
C1
C2
XTAL
XTI
XTO
16
15
12
R1
CKO
Divider
Master Clock
Buffer output
SM5847AF
XTI
XTO
16
15
12
CKO
Divider
Master Clock
Buffer output
SM5847AF
External Clock
XTO : open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com