Electronic Components Datasheet Search
  English  ▼

X  

SM5847AF Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5847AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—4
PIN DESCRIPTION
Number
Name
I/O
Description
1
OMD
Ip1
1. Schmitt input, TTL level
Output data rate (4fs/8fs) select pin
2
DOR
O 2
2. TTL level
Ip = Pull-up input
Right-channel data output
3
DOL
O 2
Left-channel data output
4
WCK O
O 2
W ord clock output
5
BCK O
O 2
Bit clock output
6
V S S
–
Ground
7
VSSA C
–
Ground
8
V D D A C
–
Supply voltage
9
V D D
–
Supply voltage
10
D G
O 2
Deglitched signal output
1 1
N C
–
No internal connection (must be open)
12
C K O
O 2
Master clock output
13
V S S
–
Ground
1 4
V D D
–
Supply voltage
1 5
X T O
O
Oscillator output
1 6
XTI
I
Oscillator input/master clock input
17
V S S
–
Ground
1 8
V D D
–
Supply voltage
19
LRCI
I1
Input data sample rate (fs) clock input
2 0
DI/INF2N
I1
Data input/input format select pin 2
2 1
BCKI
I1
Bit clock input
2 2
N C
–
No internal connection (must be open)
2 3
N C
–
No internal connection (must be open)
2 4
CKSLN
Ip2
Master clock frequency (192fs/256fs) select pin
2 5
INF1N
Ip2
Input format select pin 1
2 6
IW1N/DIL
Ip1
Input data word length select pin 1/left-channel data input
27
IW2N/DIR
Ip1
Input data word length select pin 2/right-channel data input
28
V S S
–
Ground
2 9
V D D
–
Supply voltage
3 0
O W1N
Ip2
Output data word length select pin 1
3 1
O W2N
Ip2
Output data word length select pin 2
3 2
SYNCN
Ip2
Sync mode select pin
3 3
RSTN
Ip1
Reset input
3 4
CKDV 1
Ip1
Internal system clock frequency divider set pin 1
3 5
CKDV 2
Ip1
Internal system clock frequency divider set pin 2
3 6
DEMPR
Ip1
Right-channel deemphasis ON/OFF pin
3 7
DEMPL
Ip1
Left-channel deemphasis ON/OFF pin
3 8
V D D
–
Supply voltage
39
V S S
–
Ground
4 0
FSEL1
Ip1
Deemphasis fi lter sample rate (fs) select pin 1
4 1
FSEL2
Ip1
Deemphasis fi lter sample rate (fs) select pin 2
4 2
MUTEL
Ip1
Left-channel mute ON/OFF pin
4 3
MUTER
Ip1
Right-channel mute ON/OFF pin
4 4
DITHN
Ip1
Output data dither ON/OFF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com