Electronic Components Datasheet Search
  English  ▼

X  

MT8941AP Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT8941AP Datasheet HTML 10Page - Mitel Networks Corporation MT8941AP Datasheet HTML 11Page - Mitel Networks Corporation MT8941AP Datasheet HTML 12Page - Mitel Networks Corporation MT8941AP Datasheet HTML 13Page - Mitel Networks Corporation MT8941AP Datasheet HTML 14Page - Mitel Networks Corporation MT8941AP Datasheet HTML 15Page - Mitel Networks Corporation MT8941AP Datasheet HTML 16Page - Mitel Networks Corporation MT8941AP Datasheet HTML 17Page - Mitel Networks Corporation MT8941AP Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MT8941 CMOS
3-58
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics†-Voltages are with respect to ground (V
SS) unless otherwise stated.(Refer to Figure 16)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
D
P
L
L
#2
C4b output clock period
tP4o
213
244
275
ns
85 pF Load
2C4b output clock width (HIGH)
tW4oH
85
159
ns
3C4b output clock width (LOW)
tW4oL
116
122
ns
4C4b output clock rise time
trC4
6
ns
85 pF Load
5C4b clock output fall time
tfC4
6
ns
85 pF Load
6
Frame pulse output delay
(HIGH to LOW) from C4b
tFPL
013
ns
85 pF Load
7
Frame pulse output delay
(LOW to HIGH) from C4b
tFPH
08
ns
85 pF Load
8
Frame pulse (F0b) width
tWFP
225
245
ns
9
C4o delay - LOW to HIGH
t4oLH
015
ns
10
C4o delay - HIGH to LOW
t4oHL
020
ns
11
C4b to C2o delay (LOW to
HIGH)
t42LH
03
ns
12
C4b to C2o delay (HIGH to
LOW)
t42HL
06
ns
13
C2o clock period
tP2o
457
488
519
ns
85 pF Load
14
C2o clock width ( HIGH )
tW2oH
207
280
ns
15
C2o clock width ( LOW )
tW2oL
238
244
ns
16
C2o clock rise time
trC2
6
ns
85 pF Load
17
C2o clock fall time
tfC2
6
ns
85 pF Load
18
C2o delay - LOW to HIGH
t2oLH
-5
2
ns
19
C2o delay - HIGH to LOW
t2oHL
05
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com