Electronic Components Datasheet Search
  English  ▼

X  

MT8941AP Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT8941AP Datasheet HTML 10Page - Mitel Networks Corporation MT8941AP Datasheet HTML 11Page - Mitel Networks Corporation MT8941AP Datasheet HTML 12Page - Mitel Networks Corporation MT8941AP Datasheet HTML 13Page - Mitel Networks Corporation MT8941AP Datasheet HTML 14Page - Mitel Networks Corporation MT8941AP Datasheet HTML 15Page - Mitel Networks Corporation MT8941AP Datasheet HTML 16Page - Mitel Networks Corporation MT8941AP Datasheet HTML 17Page - Mitel Networks Corporation MT8941AP Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MT8941 CMOS
3-60
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 19 - Three State Outputs and Enable Timings
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics†- Voltages are with respect to ground (V
SS) unless otherwise stated. (Refer to Figure 19)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
O
U
T
P
U
T
Delay from Enable to Output
(HIGH to THREE STATE)
tPHZ
16
ns
85 pF Load
2
Delay from Enable to Output
(LOW to THREE STATE)
tPLZ
12
ns
85 pF Load
3
Delay from Enable to Output
(THREE STATE to HIGH)
tPZH
11
ns
85 pF Load
4
Delay from Enable to Output
(THREE STATE to LOW)
tPZL
50
16
ns
85 pF Load
AC Electrical Characteristics† - Uncommitted NAND Gate
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Propagation delay (LOW to
HIGH), input Ai or Bi to output
tPLH
11
ns
85 pF Load
2
Propagation delay (HIGH to
LOW), input Ai or Bi to output
tPHL
15
ns
85 pF Load
Enable
Input
Output
LOW to
OFF
Output
HIGH
to OFF
tf
6 ns
tr
6 ns
10%
90%
1.3 V
1.3 V
Outputs
Enabled
Outputs
Enabled
Outputs
Disabled
3.0 V
2.7 V
1.3 V
0.3 V
tPLZ
tPHZ
tPZL
tPZH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com