Electronic Components Datasheet Search
  English  ▼

X  

MT8972BE Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation MT8972BE Datasheet HTML 10Page - Mitel Networks Corporation MT8972BE Datasheet HTML 11Page - Mitel Networks Corporation MT8972BE Datasheet HTML 12Page - Mitel Networks Corporation MT8972BE Datasheet HTML 13Page - Mitel Networks Corporation MT8972BE Datasheet HTML 14Page - Mitel Networks Corporation MT8972BE Datasheet HTML 15Page - Mitel Networks Corporation MT8972BE Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MT8971B/72B
9-118
Table 6. Status Register
Status
Register
Name
Function
0
SYNC
Synchronization - When set this bit indicates that synchronization to the received
line data sync pattern has been acquired. For DN mode only.
1-2
CHQual
Channel Quality - These bits provide an estimate of the receiver’s margin against
noise. The farther this 2 bit value is from 0 the better the SNR.
3
Rx HK
Housekeeping - This bit is the received housekeeping (HK) bit from the far end.
4-6
Future
Future Functionality. These bits return Logic 1 when read.
7
ID
This bit provides a hardware identifier for the DNIC revision. The MT8972B will return
a logic “0” for this bit. (Logic “1” returned for MT8972A.)
0123456
7
SYNC
CHQual
Rx HK
Future Functionality
ID
There are some major reasons for using a biphase
line code.
The power density is concentrated in a
spectral
region
that
minimizes
dispersion
and
differential attenuation. This can shorten the line
response and reduce the intersymbol interference
which are critical for adaptive echo cancellation.
There are regular zero crossings halfway through
every bit cell or baud which allows simple clock
extraction at the receiving end. There is no D.C.
content in the code so that phantom power feed may
be applied to the line and simple transformer
coupling may be used with no effect on the data. It is
bipolar, making data reception simple and providing
a high signal to noise ratio. The signal is then passed
through a bandpass filter which conditions the signal
for the line by limiting the spectral content from
0.2fBaud to 1.6fBaud and on to a line driver where it is
made available to be put onto the line biased at
VBias. The resulting transmit signal will have a
distributed spectrum with a peak at 3/4fBaud. The
transmit signal (LOUT) may be disabled by holding the
LOUT DIS pin high or by writing DLO (bit 6) of the
Diagnostics Register to logic “1”. When disabled,
LOUT is forced to the VBias level. LOUT DIS has an
internal pull-down to allow this pin to be left not
connected in applications where this function is not
required. The receive signal is the above transmit
signal superimposed on the signal from the remote
end and any reflections or delayed symbols of the
near end signal.
The frame format of the transmit data on the line is
shown in Figures 11 and 12 for the DN mode at 80
and 160 kbit/s. At 80 kbit/s a SYNC bit for frame
recovery, one bit of the D-channel and the B1-
channel are transmitted. At 160 kbit/s a SYNC bit,
the HK bit, two bits of the D-channel and both B1 and
B2 channels are transmitted.
If the DINB bit of the Control Register is set, the
entire D-channel is transmitted during the B1-
channel timeslot. In MOD mode the SYNC, HK and
D-channel bits are not transmitted or received but
rather a continuous data stream at 80 or 160 kbit/s is
present. No frame recovery information is present on
the line in MOD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com