Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9080AP Datasheet HTML 5Page - Mitel Networks Corporation MT9080AP Datasheet HTML 6Page - Mitel Networks Corporation MT9080AP Datasheet HTML 7Page - Mitel Networks Corporation MT9080AP Datasheet HTML 8Page - Mitel Networks Corporation MT9080AP Datasheet HTML 9Page - Mitel Networks Corporation MT9080AP Datasheet HTML 10Page - Mitel Networks Corporation MT9080AP Datasheet HTML 11Page - Mitel Networks Corporation MT9080AP Datasheet HTML 12Page - Mitel Networks Corporation MT9080AP Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CMOS
MT9080
2-109
The device can perform either a read or a write,
depending on the level asserted at the R/W pin.
When R/W
is high, the contents of the memory
addressed by the internal counter will be clocked out
on to the output data bus.
Setting R/W
low will
enable data on the input data bus to be written into
the device. During a write operation, the output bus
is actively driven by the data latched out in the
previous read operation.
Data is clocked in or out of the device on the positive
edge of the clock. See Fig. 11.
Fig. 11 - Counter Mode Functional Timing
External Mode
The external mode, which is designed for use in
2048 switching applications, permits random access
to the memory both for input and output operations.
The pinout for external mode is shown in Fig. 12.
The address asserted on the external address bus is
used to specify the memory location to be accessed
for the read or write operation. The level asserted on
R/W during a specific clock period determines
whether the addressed memory is written to or read
from. During a write operation, the output data bus
is actively driven with data latched out in the
previous read operation.
Data is clocked into or out of the device on the
positive edges of the clock as shown in Fig. 13.
Shift Register Mode
In this mode, data clocked into the SMX is delayed
by a number of clock cycles before being clocked out
of the device. The delay introduced (in number of
clock cycles) is equal to two times the binary value of
the address latched into the device plus 2.
For
CK
FP
Internal
Counter
Data Clocked Out
(R/W High)
Data Clocked In
(R/W LOW)
2047
0
1
2
3
01
2
2047
0
1
2
3
example, if the address asserted is Hex 02, the delay
through the switch is equal to six clock cycles.
Figure 12 - External Mode Pinout
Figure 13 - External Mode Functional Timing
Maximum permissible delay is equal to 4096 clock
cycles.
The pertinent timing parameters are illustrated in Fig.
14.
Data is clocked in and out of the device with
rising edge of the clock.
The address is latched in with the negative edge of
DS while the CS is low.
16
D0i-D15i
CK
FP
D0o-D15o
CS
DS
CD
R/W
A0-A11
X
Y
Z
16
ODE
DTA
ME
10
1
All other inputs should
be tied Low
CK
FP
ADDR
Data In
(R/W Low)
Data Out
(R/W High)
CH X
CH Y
CH Z
XYZ
CH X
CH Y
CH Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com