Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9080AP Datasheet HTML 9Page - Mitel Networks Corporation MT9080AP Datasheet HTML 10Page - Mitel Networks Corporation MT9080AP Datasheet HTML 11Page - Mitel Networks Corporation MT9080AP Datasheet HTML 12Page - Mitel Networks Corporation MT9080AP Datasheet HTML 13Page - Mitel Networks Corporation MT9080AP Datasheet HTML 14Page - Mitel Networks Corporation MT9080AP Datasheet HTML 15Page - Mitel Networks Corporation MT9080AP Datasheet HTML 16Page - Mitel Networks Corporation MT9080AP Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CMOS
MT9080
2-113
Switching any input channel to an output channel
timeslot is possible by merely writing the address of
the input channel in the Connection Memory location
corresponding to the output channel timeslot.
For
example, to switch channel 1 to output channel 5
and enable output drivers during channel 5, the
Connection
Memory
location
corresponding
to
channel 5 should be loaded with Hex 2001.
This
word will be clocked out of the Connection Memory
during timeslot 4 and will cause the Data Memory to
clock out contents of the memory corresponding to
channel 1 during the channel 5 timeslot. The 16 bit
word clocked out by the Connection Memory will also
enable Data Memory output drivers, and, external
drivers.
2048 Channel Switch Matrix
A
2048
channel,
double
buffered
timeslot
interchange switch can be constructed with three
SMXs as shown in Figure 18. SMX#1 and SMX#2
are used to store data and switch it in time, while the
third SMX functions as a Connection Memory.
SMX#1 and 2 are operated in the Counter Mode and
External Mode alternatively in consecutive frames.
In any specific frame, one of the two is in Counter
mode while the other is in External mode.
The
functions are reversed in the successive frame. The
SMX in counter mode is programmed to write data
Figure 18 - 2048 Channel Timeslot Interchange Circuit
CM-2
SMX #3
D11
D0o-D10o
ODE
Mz
My
Mx
FP
CK
+5
C16
MPU Interface
CONNECTION
MEMORY
U2
U1
11
11
+5
16
16
16
C16
+5
C16
C16
16
D0-D15i
CK
FP
Mz
R/W
ODE
A0-A10
ME
D0-D15o
Mx
My
CS
DS
CNT/EXT
SMX #1
D0-D15i
CK
FP
Mz
R/W
ODE
A0-A10
ME
D0-D15o
Mx
My
CS
DS
CNT/EXT
SMX #2
Data
Output
DATA
MEMORY
DATA
MEMORY
Timing
Generator
DFP
CFP
16.384 MHz
Notes:
1)
U1 and U2 are required if the data output bus is to be enabled/disabled via the microprocessor interface.
2)
All inputs not shown should be connected to Ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com