Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9080AP Datasheet HTML 1Page - Mitel Networks Corporation MT9080AP Datasheet HTML 2Page - Mitel Networks Corporation MT9080AP Datasheet HTML 3Page - Mitel Networks Corporation MT9080AP Datasheet HTML 4Page - Mitel Networks Corporation MT9080AP Datasheet HTML 5Page - Mitel Networks Corporation MT9080AP Datasheet HTML 6Page - Mitel Networks Corporation MT9080AP Datasheet HTML 7Page - Mitel Networks Corporation MT9080AP Datasheet HTML 8Page - Mitel Networks Corporation MT9080AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MT9080 CMOS
2-104
46-61
A0-A15
Address Bus. These inputs have three different functions. Inputs A0-A10 are used to
address internal memory locations during read or write operations in all modes except Shift
Register mode. In Shift Register mode, the levels latched in on A0-A10 program the delay
through the device. When the ME pin is tied high, the data latched in on A0-A15 is clocked
out on to the data bus (D0o-D15o).
62
CD
Change Detect. Open drain output which is pulled low when a change in the memory
contents from one frame to the next is detected by a Cyclic Redundancy Check (CRC).
Changes in memory contents resulting from microprocessor access do not cause CD to go
low. The output is reset to its normal high impedance state when the DS input is strobed,
while the device has been selected (CS is low).
63
VDD
Supply Voltage. +5V .
64
VSS
Ground.
65-68
D0o-D3o Output Data Bus. These three state outputs are part of a 16 bit data bus which is used to
clock out data from the device. Data is clocked out with the rising edge of the clock. See
Figures 24 to 26 for timing information. The bus is actively driven when ODE is tied high. It
is disabled when ODE is tied low. Tying CS high will also disable the output data bus in all
modes except Connect Memory and Shift Register Modes.
69
VSS
Ground.
70-73
D4o-D7o Output Data Bus. See description for pins 65-68.
74
VSS
Ground.
75-78
D8o-D11o Output Data Bus. See description for pins 65-68.
79
VSS
Ground.
80-83
D12o-D15
o
Output Data Bus. See description for pins 65-68.
84
VDD
Supply Voltage. +5V .
Pin Description
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com