Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9080AP Datasheet HTML 1Page - Mitel Networks Corporation MT9080AP Datasheet HTML 2Page - Mitel Networks Corporation MT9080AP Datasheet HTML 3Page - Mitel Networks Corporation MT9080AP Datasheet HTML 4Page - Mitel Networks Corporation MT9080AP Datasheet HTML 5Page - Mitel Networks Corporation MT9080AP Datasheet HTML 6Page - Mitel Networks Corporation MT9080AP Datasheet HTML 7Page - Mitel Networks Corporation MT9080AP Datasheet HTML 8Page - Mitel Networks Corporation MT9080AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CMOS
MT9080
2-105
Functional Description
The SMX is a flexible memory module suitable for
use in the construction of timeslot interchange
circuits used in PCM voice or data switches.
The
device can be configured as a data memory or a
connection memory.
The SMX has separate 16 bit input and output data
busses.
A
16
bit
address
bus
and
a
full
microprocessor interface is also provided.
Data is clocked into and out of the device with the
signal applied at the CK (clock) input. Depending on
the mode of operation, the memory locations for the
read
or
write
operation
can
be
addressed
sequentially by the internal counter or randomly via
the external address bus.
A messaging sub-mode,
which permits the data latched in on the address bus
to be multiplexed on to the output data bus, is also
available (see ME pin description).
The SMX ensures integrity of the stored data by
performing a Cyclic Redundancy Check (CRC) on a
per frame basis.
When a
change in the memory
contents is detected from one frame to the next, the
Change Detect (CD) pin is pulled low.
The output
will be reset to its normal high impedance state when
DS input is strobed while CS is low (i.e., while the
device
has
been
selected
for
microprocessor
access). The CD output is not pulled low when the
memory contents have been modified by a processor
access to the device.
Modes Of Operation
The SMX can be programmed to operate in one of
eight modes as summarized in Table 1. The different
modes
are
used
to
realize
specific
switch
implementations. For example, to implement a 1024
channel switch, two SMXs are required.
One is
operated in Data Memory mode, while the second is
operated in Connect Memory mode. A 2048 channel
switch can be realized using three SMXs. Two of the
devices are operated, alternatively, in Counter and
External modes, the third serves as the Connection
Memory.
A
detailed
description
of
the
implementation is presented in the Applications
section of this data sheet. An outline of the device
functionality in each mode is presented below.
Table 1. SMX Modes of Operation
Mode
MX
MY
MZ
Name
Abbr.
1
2
3
4
5
6
7
8
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Data Memory - 1
Data Memory - 2
Connect Memory - 1
Connect Memory - 2
Counter Mode
External Mode
Shift Register Mode
Data Memory - 3
DM-1
DM-2
CM-1
CM-2
CNT
EXT
SR
DM-3
Data Memory Mode-1
Data Memory Mode-1 is designed for use in the
construction of a 1024 Channel Switch Matrix. Data
on the D0-D15 input bus is clocked into the SMX and
stored in memory locations addressed by the internal
11 bit counter. Data is clocked out according to the
addresses asserted on the address bus.
The pin
configuration of the device in this mode is illustrated
in Fig .3
Fig. 3 - Data Memory Modes 1 and 2 Pinout
The timing for the read and write operation is
illustrated in Fig. 4. The first half of each clock period
is used for precharging the internal bus.
Data is
latched in and out of the device with rising edge of
the CK clock. Correct operation of the device in this
mode requires 2048 clock cycles in a single frame
defined by the frame pulse.
Consequently, for
switching of 64 kbit/s PCM voice channels, the clock
frequency must be 16.384 Mbit/s with a frame rate of
8 kHz.
The address supplied on the address bus is latched
in with the first positive clock edge in a channel
timeslot. The contents of the memory location
addressed will be clocked out on D0-D15o with the
first positive clock edge in the next timeslot (see Fig.
4).
In Data Memory Mode-1, the delay through the
switch depends on the number of channel timeslots
between the input channel and the output channel. If
the time difference between the input channel and
output channel is less than two channels, data
clocked into the device in the current frame will be
clocked out in the next frame.
If the difference is
greater than or equal to two channels, data will be
clocked out in the same frame.
This concept is
further illustrated in Fig. 5.
Data
Input
Data
Output
16
FP
D0i-D15i
CD
A0-A15
ME
ODE
Z
Y
Z
D0o-D15o
CS
DS
DTA
16
MODE
CK
From Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com