Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9080AP Datasheet HTML 13Page - Mitel Networks Corporation MT9080AP Datasheet HTML 14Page - Mitel Networks Corporation MT9080AP Datasheet HTML 15Page - Mitel Networks Corporation MT9080AP Datasheet HTML 16Page - Mitel Networks Corporation MT9080AP Datasheet HTML 17Page - Mitel Networks Corporation MT9080AP Datasheet HTML 18Page - Mitel Networks Corporation MT9080AP Datasheet HTML 19Page - Mitel Networks Corporation MT9080AP Datasheet HTML 20Page - Mitel Networks Corporation MT9080AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CMOS
MT9080
2-117
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply Voltage VDD-VSS
VDD
-0.3
7
V
2
All Input Voltages
Vi
VSS-0.3
VDD +0.3
V
3
All Output Voltages
Vo
VSS-0.3
VDD +0.3
V
4
Storage Temperature Range
TS
-40
125
°C
5
Current at Digital Outputs
IO
150
mA
6
Continuous Power Dissipation
PD
2W
Recommended Operating Conditions - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5.0
5.75
V
2
Operating Temperature
TOP
-40
70
°C
3
Input High Voltage
VIH
0.7VDD
V
4
Input low Voltage
VIL
0
0.
3VDD
V
DC Electrical Characteristics - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current
IDD
120
200
mA
Outputs unloaded
2
Input High Voltage
VIH
0.7VDD
V
3
Input Low Voltage
VIL
00.3VDD
V
4
Input Leakage Current
IIL
±10
µA
5
Output High Current (all outputs
except D0i-D15i)
IOH
8mA
VOH=0.7 VDD
6
Output Low Current (all outputs
except DTA, CD and D0i-D15i)
IOL
8mA
VOL=0.3 VDD
7
Output High Current D0i-D15i
IOH
2mA
VOH=0.7 VDD
8
Output Low Current DTA & CD
IOL
2mA
VOL=0.3 VDD
9
Input Capacitance
Ci
10
pF
10
Output Pin Capacitance
Co
10
pF
VDD=5.0V±10%.
11
High Impedance Leakage
IOZ
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com