Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9080AP Datasheet HTML 16Page - Mitel Networks Corporation MT9080AP Datasheet HTML 17Page - Mitel Networks Corporation MT9080AP Datasheet HTML 18Page - Mitel Networks Corporation MT9080AP Datasheet HTML 19Page - Mitel Networks Corporation MT9080AP Datasheet HTML 20Page - Mitel Networks Corporation MT9080AP Datasheet HTML 21Page - Mitel Networks Corporation MT9080AP Datasheet HTML 22Page - Mitel Networks Corporation MT9080AP Datasheet HTML 23Page - Mitel Networks Corporation MT9080AP Datasheet HTML 24Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MT9080 CMOS
2-122
*TCK= Clock (CK) Period
† Timing is over recommended temperature and power supply voltages.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 29 - Microprocessor Write Timing for Connect Memory Mode
AC Electrical Characteristics† - Microprocessor Write Timing for Connect Memory Mode
(See Fig. 29) - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip Select Setup
tCSS
0ns
2
Chip Select Hold
tCSH
0ns
3
ADDR, R/W Setup
tAS
0ns
4
ADDR, R/W Hold
tAH
0ns
5DTA Delay
tDTAD
4.5
7.5
TCK*
6DTA Hold
tDTAH
0ns
7DS Low to Data in Delay
tDD
4.5
TCK*
8DTA Low to Data in Hold
tDH
0ns
9DS Hold Time
tDSH
0ns
DS
CS
A0-A15,R/W
DTA
D0-D15i
tCSS
tAS
tDSH
tCSH
tAH
tDTAD
tDH
tDTAH*
tDD
* This parameter is specified with respect to the rising edge of DS or CS depending on which signal goes high first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com