Electronic Components Datasheet Search
  English  ▼

X  

MT9080AP Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9080AP
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080AP Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9080AP Datasheet HTML 3Page - Mitel Networks Corporation MT9080AP Datasheet HTML 4Page - Mitel Networks Corporation MT9080AP Datasheet HTML 5Page - Mitel Networks Corporation MT9080AP Datasheet HTML 6Page - Mitel Networks Corporation MT9080AP Datasheet HTML 7Page - Mitel Networks Corporation MT9080AP Datasheet HTML 8Page - Mitel Networks Corporation MT9080AP Datasheet HTML 9Page - Mitel Networks Corporation MT9080AP Datasheet HTML 10Page - Mitel Networks Corporation MT9080AP Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CMOS
MT9080
2-107
This mode provides minimum delay through the SMX
for any switching configuration.
Data Memory Mode-2
Data
Memory Mode-2
is designed
for use in
constructing
a
1024
by
1024
channel
double
buffered switch.
This mode
is similar in most
respects to Data Memory Mode-1.
The double
buffering is achieved by dividing the internal 2048
memory into two equal blocks.
In a single frame,
data is written into the first block and read from the
second. In the next frame, the data will be written
into the second and read from the first (see Figure
6).
Frame sequence integrity of the data will be
maintained for all switching configurations if the
output frame is delayed by one channel with respect
to the input frame. In this case, data clocked into the
device during any of the channels in the current
frame will be clocked out in the next frame. However,
if the input and output frames are aligned, then data
switched from any input channel to output channels
0 or 1 will be clocked out one frame after the next -
consequently
frame
sequence
integrity
is
not
maintained for channels 0 or 1.
Frame sequence
integrity will be maintained for data switched to any
of
the
other
output
channels.
(See
SMX/PAC
Application Note, MSAN-135, for more information.)
It is possible to switch between Data Memory
Mode-1 and Mode-2 on a per timeslot basis.
Data Memory Mode-3
This mode is similar to Data Memory Mode-1.
However, there is no restriction on the minimum
acceptable clock frequency or frame rate.
In this
mode, the size of the switching matrix depends on
the clock and frame rates provided as per the
following relationship:
where S is the number of channels in the switching
matrix FFP is the frame pulse frequency in Hz, and
FCK is the clock frequency in Hz. The following table
shows how the size of a switching matrix can be
varied by selecting a suitable combination of clock
and frame rates.
It is not possible to switch between Data Memory
Mode-3 and other modes on per-timeslot basis.
Connect Memory Mode -1
In Connect Memory Mode-1, the input data bus is
bidirectional. Internal memory locations can be
randomly accessed via the microprocessor bus. The
pinout of the device in this mode is illustrated in
Figure 7.
CK (kHz)
FP (kHz)
Number of channels in
the switching matrix
16.384
16.384
16.384
12.288
12.288
8.192
8.192
4
8
16
4
8
4
8
2,048
1,024
512
1,536
768
1,024
512
S =
F
CK
2 X F
FP
Figure 6 - Data Memory Mode-2 Functional Timing
CK
Data
Input
Data
Output
FRAME 0
FRAME 1
FRAME 2
FRAME 1
FRAME 2
1023
0
1
1023
01
0
1
0
1
Written to Block 0
Written to Block 1
Read from Block 1
Read from Block 0
FRAME 0
Written to
Block 1
Read from
Block 0
1023
1023
Note: No input and output channel alignment is implied in the example shown above. It is assumed that the frame pulse for the
connection memory used to generate adresses for the read operation has a specific phase relationship with respect to the Data
Memory frame pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com