Electronic Components Datasheet Search
  English  ▼

X  

MT9300AL Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT9300AL
Description  Multi-Channel Voice Echo Canceller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300AL Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9300AL Datasheet HTML 5Page - Mitel Networks Corporation MT9300AL Datasheet HTML 6Page - Mitel Networks Corporation MT9300AL Datasheet HTML 7Page - Mitel Networks Corporation MT9300AL Datasheet HTML 8Page - Mitel Networks Corporation MT9300AL Datasheet HTML 9Page - Mitel Networks Corporation MT9300AL Datasheet HTML 10Page - Mitel Networks Corporation MT9300AL Datasheet HTML 11Page - Mitel Networks Corporation MT9300AL Datasheet HTML 12Page - Mitel Networks Corporation MT9300AL Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Advance Information
MT9300
9
Serial Data Interface Timing
The MT9300 provides ST-BUS and GCI interface
timing. The Serial Interface clock frequency, C4i, is
4.096 MHz. The input and output data rate of the ST-
Bus and GCI bus is 2.048 Mb/s.
The 8 KHz input frame pulse can be in either ST-BUS
or GCI format. The MT9300 automatically detects
the presence of an input frame pulse and identifies it
as either ST-BUS or GCI. In ST-BUS format, every
second falling edge of the C4i clock marks a bit
boundary, and the data is clocked in on the rising
edge of C4i, three quarters of the way into the bit cell
(See Figure 9). In GCI format, every second falling
edge of the C4i clock marks the bit boundary, and
data is clocked in on the second falling edge of C4i,
half the way into the bit cell (see Figure 10).
Memory Mapped Control and Status
registers
Internal memory and registers are memory mapped
into the address space of the HOST interface. The
internal
dual
ported
memory
is
mapped
into
segments on a “per channel” basis to monitor and
control
each
individual
echo
canceller
and
associated PCM channels. For example, in Normal
configuration, echo canceller #5 makes use of
Echo Canceller B from group 2. It occupies the
internal address space from 0A0h to 0BFh and
interfaces to PCM channel #5 on all serial PCM I/O
streams.
Figure 7 - Memory Mapping of per channel
Control and Status Registers
As illustrated in Figure 7, the “per channel” registers
provide independent control and status bits for each
echo canceller. Figure 8 shows the memory map of
the
control/status
register
blocks
for
all
echo
cancellers.
00h Control Reg A1
01h
Decay Step Size Reg
02h
03h
Base
04h
06h
Reserved
Flat Delay Reg
Control Reg 2
Status Reg
Reserved
05h
Reserved
08h
Decay Step Number
07h
Reserved
0Ah
Rin Peak Detect Reg
0Ch
Sin Peak Detect Reg
0Eh
Error Peak Detect Reg
10h
Reserved
12h
DTDT Reg
14h
Reserved
16h
NLPTHR
18h
Step Size, MU
1Ah
Reserved
1Ch
Reserved
1Eh
Addr + Echo Canceller A
20h Control Reg B1
21h
Decay Step Size Reg
22h
23h
24h
26h
Reserved
Flat Delay Reg
Control Reg 2
Status Reg
Reserved
25h
Reserved
28h
Decay Step Number
27h
Reserved
2Ah
Rin Peak Detect Reg
2Ch
Sin Peak Detect Reg
2Eh
Error Peak Detect Reg
30h
Reserved
32h
DTDT Reg
34h
Reserved
36h
NLPTHR
38h
Step Size, MU
3Ah
Reserved
3Ch
Reserved
3Eh
Base
Addr + Echo Canceller B
Figure 6 - ST-BUS and GCI Interface Channel Assignment for 2Mb/s Data Streams
F0i
Rin/Sin
Rout/Sout
Channel 31
Channel 0
125
µsec
Channel 1
Channel 30
ST-Bus
F0i
GCI interface
Note: Refer to Figures 9 and 10 for timing details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com