Electronic Components Datasheet Search
  English  ▼

X  

MT9300AL Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # MT9300AL
Description  Multi-Channel Voice Echo Canceller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300AL Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button MT9300AL Datasheet HTML 21Page - Mitel Networks Corporation MT9300AL Datasheet HTML 22Page - Mitel Networks Corporation MT9300AL Datasheet HTML 23Page - Mitel Networks Corporation MT9300AL Datasheet HTML 24Page - Mitel Networks Corporation MT9300AL Datasheet HTML 25Page - Mitel Networks Corporation MT9300AL Datasheet HTML 26Page - Mitel Networks Corporation MT9300AL Datasheet HTML 27Page - Mitel Networks Corporation MT9300AL Datasheet HTML 28Page - Mitel Networks Corporation MT9300AL Datasheet HTML 29Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Package Outlines
Metric Quad Flat Pack - L Suffix
NOTE: Governing controlling dimensions in parenthesis ( ) are in millimeters.
Dim
44-Pin
64-Pin
100-Pin
128-Pin
Min
Max
Min
Max
Min
Max
Min
Max
A
-
0.096
(2.45)
-
0.134
(3.40)
-
0.134
(3.40)
-
0.154
(3.85)
A1
0.01
(0.25)
-
0.01
(0.25)
-
0.01
(0.25)
-
0.00
0.01
(0.25)
A2
0.077
(1.95)
0.083
(2.10)
0.1
(2.55)
0.12
(3.05)
0.1
(2.55)
0.12
(3.05)
0.125
(3.17)
0.144
(3.60)
b
0.01
(0.30)
0.018
(0.45)
0.013
(0.35)
0.02
(0.50)
0.009
(0.22)
0.015
(0.38)
0.019
(0.30)
0.018
(0.45)
D
0.547 BSC
(13.90 BSC)
0.941 BSC
(23.90 BSC)
0.941 BSC
(23.90 BSC)
1.23 BSC
(31.2 BSC)
D1
0.394 BSC
(10.00 BSC)
0.787 BSC
(20.00 BSC)
0.787 BSC
(20.00 BSC)
1.102 BSC
(28.00 BSC)
E
0.547 BSC
(13.90 BSC)
0.705 BSC
(17.90 BSC)
0.705 BSC
(17.90 BSC)
1.23 BSC
(31.2 BSC)
E1
0.394 BSC
(10.00 BSC)
0.551 BSC
(14.00 BSC)
0.551 BSC
(14.00 BSC)
1.102 BSC
(28.00 BSC)
e
0.031 BSC
(0.80 BSC)
0.039 BSC
(1.0 BSC)
0.256 BSC
(0.65 BSC)
0.031 BSC
(0.80 BSC)
L
0.029
(0.73)
0.04
(1.03)
0.029
(0.73)
0.04
(1.03)
0.029
(0.73)
0.04
(1.03)
0.029
(0.73)
0.04
(1.03)
L1
0.077 REF
(1.95 REF)
0.077 REF
(1.95 REF)
0.077 REF
(1.95 REF)
0.063 REF
(1.60 REF)
A1
A
Index
D1
b
e
E1
E
Pin 1
D
A2
Notes:
1) Not to scale
2) Top dimensions in inches
WARNING:
This package diagram does not apply to the MT90810AK
100 Pin Package. Please refer to the data sheet for
exact dimensions.
L
L1
3) The governing controlling
dimensions are in millimeters
for design purposes ( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com