Electronic Components Datasheet Search
  English  ▼

X  

MT9300AL Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9300AL
Description  Multi-Channel Voice Echo Canceller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300AL Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9300AL Datasheet HTML 3Page - Mitel Networks Corporation MT9300AL Datasheet HTML 4Page - Mitel Networks Corporation MT9300AL Datasheet HTML 5Page - Mitel Networks Corporation MT9300AL Datasheet HTML 6Page - Mitel Networks Corporation MT9300AL Datasheet HTML 7Page - Mitel Networks Corporation MT9300AL Datasheet HTML 8Page - Mitel Networks Corporation MT9300AL Datasheet HTML 9Page - Mitel Networks Corporation MT9300AL Datasheet HTML 10Page - Mitel Networks Corporation MT9300AL Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Advance Information
MT9300
7
in the Status Registers. Following the detection of a
disable tone (TD bit high) on a given channel, the
external controller must switch the echo canceller
from Enable Adaptation to Bypass state.
Narrow Band Signal Detector (NBSD)
Single or dual frequency tones (i.e. DTMF tones)
present in the receive input (Rin) of the echo
canceller for a prolonged period of time may cause
the Adaptive Filter to diverge. The Narrow Band
Signal Detector (NBSD) is designed to prevent this
divergence by detecting single or dual tones of
arbitrary frequency, phase, and amplitude. When
narrow band signals are detected, the adaptation
process is halted but the echo canceller continues to
cancel echo.
The NBSD can be disabled by setting the NBDis bit
to “1” in Control Register 2.
Offset Null Filter
Adaptive filters in general do not operate properly
when a DC offset is present at any inputs. To remove
the DC component, the MT9300 incorporates Offset
Null filters in both Rin and Sin inputs.
The offset null filters can be disabled by setting the
HPFDis bit to “1” in Control Register 2.
Device Configuration
The
MT9300
architecture
contains
32
echo
cancellers divided into 16 groups. Each group has
two echo cancellers which can be individually
controlled (Echo Canceller A and B). They can be set
in three distinct configurations: Normal, Back-to-
Back, and Extended Delay. See Figure 5.
Normal Configuration
In Normal configuration, the two echo cancellers
(Echo Canceller A and B) are positioned in parallel,
as shown in Figure 5a, providing 64 milliseconds of
echo cancellation in two channels simultaneously.
Back-to-Back Configuration
In
Back-to-Back
configuration,
the
two
echo
cancellers from the same group are positioned to
cancel echo coming from both directions in a single
channel
providing
full-duplex
64ms
echo
cancellation. See Figure 5c. This configuration uses
only one timeslot on PORT1 and PORT2 and the
second timeslot normally associated with ECB
contains undefined data. Back-to-Back configuration
allows a no-glue interface for applications where
bidirectional echo cancellation is required.
Back-to-Back configuration is selected by writing “1”
into the BBM bit of both Control Register A1 and
Control Register B1 of a given group of echo
cancellers. Table 2 shows the 16 groups of 2
Figure 5 - Device configuration
Rin
Rout
Sout
Sin
echo
path A
Optional -12dB pad
echo
path B
+
-
channel A
channel A
+
-
channel B
channel B
E.C.A
E.C.B
a) Normal Configuration (64ms)
Adaptive
Filter (64ms)
Adaptive
Filter (64ms)
Optional -12dB pad
PORT1
PORT2
+
-
channel A
channel A
E.C.A
Sin
Sout
Rout
Rin
b) Extended Delay Configuration (128ms)
echo
path A
Adaptive Filter
(128 ms)
Optional -12dB pad
PORT1
PORT2
+
E.C.A
Sin
Sout
Rout
Rin
c) Back-to-Back Configuration (64ms)
-
E.C.B
+
-
echo
echo
path
path
Adaptive
Filter (64ms)
Optional -12dB pad
Adaptive
Filter (64ms)
Optional -12dB pad
PORT1
PORT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com