Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5865AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
IP : Pull-up input
Number
Name
I/O
Description
1
DVSS
–
Digital ground
2
DI
I
Data input
3
BCKI
I
Bit clock input
4
WCKI
I
Word clock input
5
IWSL
Ip
Input data word length select. 24-bit when HIGH, and 20-bit when LOW.
6
RSTN
Ip
System reset. Reset when LOW.
7
TSTN
Ip
Test pin. Tie HIGH or leave open for normal operation.
8
TO
O
Test output
9
DVDD
–
Digital supply
10
CKI
I
System clock input
11
CKDVN
Ip
System clock frequency divider ratio select. 1 when HIGH (no division), and 2 when LOW.
12
CVSS
–
System clock ground
13
AVSSB
–
Analog ground B
14
RBN
I
Built-in resistor connection B
15
IOUTBN
O
Inverse-phase analog output B
16
IOUTB
O
In-phase analog output B
17
RBP
I
Built-in resistor connection B
18
AVDDB
–
Analog supply B
19
AVDDA
–
Analog supply A
20
RAN
I
Built-in resistor connection A
21
IOUTAN
O
Inverse-phase analog output A
22
IOUTA
O
In-phase analog output A
23
RAP
I
Built-in resistor connection A
24
AVSSA
–
Analog ground A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com