Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5865AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
Recommended operating conditions, unless otherwise specified
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD supply current1
1. DVDD = AVDDA = AVDDB = 5 V, system clock input frequency fCKI = 16.9344 MHz, no output load, NPC-standard input data pattern.
IDDD
TBD
mA
AVDDA, AVDDB supply current1
IDDA
mA
CKI HIGH-level input voltage
VIHC
0.7VDD
––
V
CKI LOW-level input voltage
VILC
–
–
0.3VDD
V
CKI input voltage
VINAC
AC coupling
1.0
–
–
V
HIGH-level input voltage2
2. Pins DI, BCKI, WCKI, CKDVN, IWSL, RSTN, TSTN.
VIH
2.4
–
–
V
LOW-level input voltage2
VIL
–
–
0.5
V
HIGH-level output voltage3
3. Pin TO.
VOH
IOH = −1 mA
DVDD − 0.4
–
–
V
LOW-level output voltage3
VOL
IOL = 1 mA
–
–
0.4
V
CKI HIGH-level input current
IIHC
VIN = DVDD
30
60
120
µA
CKI LOW-level input current
IILC
VIN = 0 V
30
60
120
µA
LOW-level input current4
4. Pins CKDVN, IWSL, RSTN, TSTN.
IIL2
VIN = 0 V
–
9
18
µA
HIGH-level input leakage current5
5. Pins DI, BCKI, WCKI.
IIH1
VIN = DVDD
–
–
1.0
µA
LOW-level input leakage current5
IIL1
VIN = 0 V
–
–
1.0
µA
HIGH-level input leakage current6
6. Pins CKDVN, IWSL, RSTN, TSTN.
IIH2
VIN = DVDD
–
–
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com