Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5865AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—6
AC Electrical Characteristics
System clock (CKI)
Reset Input (RSTN)
Serial input (BCKI, DI, WCKI)
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
TBD
–
TBD
ns
LOW-level clock pulsewidth
tCWL
TBD
–
TBD
ns
Clock pulse cycle
tCKI
TBD
–
TBD
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
RSTN LOW-level pulsewidth
tRSTN
At power ON
1
–
–
µs
After power ON
100
–
–
ns
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
10
–
–
ns
BCKI LOW-level pulsewidth
tBCWL
10
–
–
ns
BCKI pulse cycle
tBCY
20
–
–
ns
DI setup time
tDS
5––
ns
DI hold time
tDH
5––
ns
WCKI edge to first BCKI rising edge
tBW
10
–
–
ns
Last BCKI rising edge to WCKI edge
tWB
10
–
–
ns
VIH1
VIL1
0.5VDD
CKI
CWL
t
CKI
t
CWH
t
BCKI
DI
WCKI
BCWH
t
BCWL
t
BCY
t
DS
t
DH
t
1.5V
WB
t
WL
t
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com