Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—7
AC Analog Characteristics
DVDD = AVDDA = AVDDB = 5 V, DVSS = AVSSA = AVSSB = CVSS = 0 V, Ta = 25 °C,
44.1 kHz input sampling frequency, fCKI = 16.9344 MHz (384fs), 48fs operation
Estimated values for audio signal data with up to 20 kHz bandwidth,
DVDD = AVDDA = AVDDB = 5 V, DVSS = AVSSA = AVSSB = CVSS = 0 V, Ta = 25 °C,
48 kHz input sampling frequency, fCKI = 24.576 MHz (512fs), 64fs operation
96 kHz input sampling frequency, fCKI = 24.576 MHz (256fs), 32fs operation
Measurement circuit block diagram
Measurement conditions
DVDD = AVDDA = AVDDB = 5 V, DVSS = AVSSA = AVSSB = CVSS = 0 V, Ta = 25 °C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
TBD
%
LSI output level
Vout1
1 kHz, 0 dB
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
dB
Signal-to-noise ratio
S/N
1 kHz, 0/
−∞ dB
dB
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
TBD
%
LSI output level
Vout1
1 kHz, 0 dB
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
dB
Signal-to-noise ratio
S/N
1 kHz, 0/
−∞ dB
dB
Parameter
Symbol
3346A left/right-channel selector
switch
AD725C distortion analyzer with
built-in filter
Total harmonic distortion
THD
+ N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Output level
Vout
Dynamic range
D.R
D-RANGE
Signal-to-noise ratio
S/N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
JIS A filter ON
Signal
Generator
Evaluation
Board
L/R Channel
Selector
Distortion
Analyzer
BCK
WCKI
DATA
fs= 44.1kHz
10k
Ω Input Impedance
NF Corporation 3346A
RMS Measurement
Corresponds to
Shibasoku AD725C
CKO(384fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com