Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5865AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSSA = AVSSB = CVSS = 0 V, DVDD = AVDDA = AVDDB
Recommended Operating Conditions
DVSS = AVSSA = AVSSB = CVSS = 0 V, DVDD = AVDDA = AVDDB
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDDA, AVDDB
−0.3 to 7.0
V
Input voltage range1
1. Pins DI, BCKI, WCKI, CKDVN, IWSL, RSTN, TSTN.
Also applicable during supply switching.
VIN
DVSS − 0.3 to DVDD + 0.3
V
Storage temperature range
Tstg
−55 to 125
°C
Power dissipation
PD
250
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDDA, AVDDB
4.5 to 5.5
V
Supply voltage variation
DVDD − AVDDA,
DVDD − AVDDB,
AVDDA − AVDDB,
DVSS − AVSSA,
DVSS − AVSSB,
AVSSA − AVSSB,
DVSS − CVSS,
AVSSA − CVSS,
AVSSB − CVSS
±0.1
V
Operating temperature range
Topr
−40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com