Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5865AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—9
FUNCTIONAL DESCRIPTION
Quantization Noise Reduction
The SM5865AM employs a 3rd-order 23-level quantizer noise shaper to effectively reduce quantization noise
in the audio band. The quantization noise component at 16fs to 96fs operation is shown in figure 1.
Internal Oversampling Operation
The SM5865AM accepts data output from an 8-times or 4-times oversampling digital filter, and oversampled
internally again up to the noise shaper operating rate. The internal oversampling factor is determined automati-
cally from the system clock input frequency and the input sampling frequency. This internal oversampling fac-
tor (n) must be an integer satisfying the conditions shown in table 1.
Figure 1. Quantization noise level
Table 1. Operating conditions
Parameter
CKDVN = HIGH
CKDVN = LOW
fWCKI and fCKI compulsory conditions
1
1. fWCKI = word clock frequency, fCKI = input system clock frequency, n = internal oversampling factor
where n = 1, 2, 3, ...
where n = 1, 2, 3, ...
Noise shaper operating frequency
0.5
1
1.5
2
2.5
3
3.5
4
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
Frequency (fs)
Quantization noise
(dB)
16fs
24fs
32fs
48fs
64fs
96fs
0 dB sine wave equivalent white noise level
16-bit, fs quantization noise level
20-bit, fs quantization noise level
24-bit, fs quantization noise level
f
CKI
f
WCKI
8
×
n
×
=
f
CKI
f
WCKI
16
×
n
×
=
f
ns
f
WCKI
n
f
CKI
8
-----------
=
×
=
f
ns
f
WCKI
n
f
CKI
16
-----------
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com