Electronic Components Datasheet Search
  English  ▼

X  

SM5865AM Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5865AM
Description  D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865AM Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5865AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5865AM Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SM5865AM
NIPPON PRECISION CIRCUITS—11
System Clock Divider (CKDVN)
The SM5865AM has a built-in divide-by-2 system
clock frequency divider. The divider enables the
internal system clock to operate at half the input fre-
quency, for example when the external master clock
input frequency is high.
System Reset (RSTN)
The device should be reset in the following cases.
s
At power ON
s
When the system clock CKI stops, or other abnor-
malities occur.
The device is reset by applying a LOW-level pulse
on RSTN.
Audio Data Input (DI, BCKI, WCKI, IWSL)
Input data format
The audio data is input in MSB-first, 2s-comple-
ment, 24-bit/20-bit serial format. The input word bit
length is selected by IWSL, 24-bit when HIGH or
open circuit, and 20-bit when LOW.
Jitter-free function
Serial input data bits on DI are read into an SIPO
register (serial-to-parallel converter register) on the
rising edge of the bit clock BCKI where the serial
data is converted into parallel data. The internal par-
allel data control timing is derived from the system
clock, and is not affected by any jitter on the input
data clocks (WCKI and BCKI). After a reset opera-
tion is released when RSTN goes HIGH, the internal
timing and the WCKI input timing are phase com-
pared on the first and subsequent WCKI falling
edges and the comparison result is used to perform
timing adjustment to maintain the word boundary
relationship between the internal timing and the
WCKI clock.
88.2 kHz
11.2896 MHz (128fs)
16fs
2
4
88.2 kHz
16.9344 MHz (192fs)
24fs
3
6
88.2 kHz
22.5792 MHz (256fs)
32fs
4
8
88.2 kHz
33.8688 MHz (384fs)
48fs
6
12
96 kHz
12.288 MHz (128fs)
16fs
2
4
96 kHz
18.432 MHz (192fs)
24fs
3
6
96 kHz
24.576 MHz (256fs)
32fs
4
8
96 kHz
36.864 MHz (384fs)
48fs
6
12
192 kHz
24.576 MHz (128fs)
16fs
2
4
192 kHz
36.864 MHz (192fs)
24fs
3
6
1. When CKDVN = LOW, the system clock frequency fCKI is halved, so the values shown are half the input frequency required for the same sampling rate
and internal factors.
Table 2. System clock frequencies (CKDVN = HIGH)
fs
System clock frequency1
fCKI
Noise shaper operating
rate
Internal factor
(8fs input)
Internal factor
(4fs input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com