Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP75C Datasheet HTML 3Page - Texas Instruments TMP75C Datasheet HTML 4Page - Texas Instruments TMP75C Datasheet HTML 5Page - Texas Instruments TMP75C Datasheet HTML 6Page - Texas Instruments TMP75C Datasheet HTML 7Page - Texas Instruments TMP75C Datasheet HTML 8Page - Texas Instruments TMP75C Datasheet HTML 9Page - Texas Instruments TMP75C Datasheet HTML 10Page - Texas Instruments TMP75C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SDA
SCL
A0
A1
A2
V
S
GND
ALERT
I
N x I
Thermal
BJT
ADC
Control Logic
Device
Register Bank
Serial Interface
Oscillator
Voltage Regulator
TMP75C
www.ti.com
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
7 Detailed Description
7.1 Overview
The TMP75C is a digital temperature sensor optimal for thermal management and thermal protection
applications. The TMP75C is two-wire and SMBus interface compatible, and is specified over a temperature
range of –55°C to +125°C.
The temperature sensing device for the TMP75C is the chip itself. A bipolar junction transistor (BJT) inside the
chip is used in a band-gap configuration to produce a voltage proportional to the chip temperature. The voltage is
digitized and converted to a 12-bit temperature result in degrees Celsius, with resolution of 0.0625°C. The
package leads provide the primary thermal path because of the lower thermal resistance of the metal. Thus, the
temperature result is equivalent to the local temperature of the printed circuit board (PCB) where the sensor is
mounted.
7.2 Functional Block Diagram
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com