Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 3 Page - Texas Instruments

  TMP75C Datasheet HTML 1Page - Texas Instruments TMP75C Datasheet HTML 2Page - Texas Instruments TMP75C Datasheet HTML 3Page - Texas Instruments TMP75C Datasheet HTML 4Page - Texas Instruments TMP75C Datasheet HTML 5Page - Texas Instruments TMP75C Datasheet HTML 6Page - Texas Instruments TMP75C Datasheet HTML 7Page - Texas Instruments TMP75C Datasheet HTML 8Page - Texas Instruments TMP75C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
TMP75C
www.ti.com
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
5 Pin Configuration and Functions
D and DGK Packages
SOIC-8 and VSSOP-8
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
7
I
Address select. Connect to GND or VS.
A1
6
I
Address select. Connect to GND or VS.
A2
5
I
Address select. Connect to GND or VS.
ALERT
3
O
Overtemperature alert. Open-drain output; requires a pull-up resistor.
GND
4
—
Ground.
SCL
2
I
Serial clock.
SDA
1
I/O
Serial data. Open-drain output; requires a pull-up resistor.
VS
8
I
Supply voltage, 1.4 V to 3.6 V.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com