Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP75C Datasheet HTML 13Page - Texas Instruments TMP75C Datasheet HTML 14Page - Texas Instruments TMP75C Datasheet HTML 15Page - Texas Instruments TMP75C Datasheet HTML 16Page - Texas Instruments TMP75C Datasheet HTML 17Page - Texas Instruments TMP75C Datasheet HTML 18Page - Texas Instruments TMP75C Datasheet HTML 19Page - Texas Instruments TMP75C Datasheet HTML 20Page - Texas Instruments TMP75C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TMP75C
www.ti.com
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
Figure 14. Temperature Register (pointer = 0h) [reset = 0000h]
15
14
13
12
11
10
9
8
T11
T10
T9
T8
T7
T6
T5
T4
R-00h
7
6
5
4
3
2
1
0
T3
T2
T1
T0
Reserved
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 5. Temperature Register Description
Name
Description
T11 to T4
The 8 MSBs of the temperature result (resolution of 1°C)
T3 to T0
The 4 LSBs of the temperature result (resolution of 0.0625°C)
Figure 15. Configuration Register (pointer = 1h) [reset = 0000h]
15
14
13
12
11
10
9
8
Reserved
OS
FQ
POL
TM
SD
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
Reserved
R-00h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6. Configuration Register Description
Name
Description
Reserved
Reserved bits
Write 0 to these bits on configuration register update.
OS
One-shot control
SD = 0 and OS = 0: Continuous conversion mode (default)
SD = 0 and OS = 1: One-shot mode; the device is in shutdown mode but writing any value to the one-shot register
initiates a conversion. The device returns to shutdown mode at the end of the conversion.
SD = 1 and OS = x: The device is in shutdown mode and the status of the OS bit has no effect. Writing to the one-
shot register does not start a conversion.
FQ
Fault queue to trigger the ALERT pin
FQ = 0h: 1 fault (default)
FQ = 1h: 2 faults
FQ = 2h: 4 faults
FQ = 3h: 6 faults
POL
ALERT polarity control
POL = 0: ALERT is active low (default)
POL = 1: ALERT is active high
TM
ALERT thermostat mode control
TM = 0: ALERT is in comparator mode (default)
TM = 1: ALERT is in interrupt mode
SD
Shutdown control bit
SD = 0: Device is in continuous conversion mode (default)
SD = 1: Device is in shutdown mode
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com