Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP75C Datasheet HTML 16Page - Texas Instruments TMP75C Datasheet HTML 17Page - Texas Instruments TMP75C Datasheet HTML 18Page - Texas Instruments TMP75C Datasheet HTML 19Page - Texas Instruments TMP75C Datasheet HTML 20Page - Texas Instruments TMP75C Datasheet HTML 21Page - Texas Instruments TMP75C Datasheet HTML 22Page - Texas Instruments TMP75C Datasheet HTML 23Page - Texas Instruments TMP75C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
±1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Time (s)
C007
TMP75C
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
The TMP75C only requires pull-up resistors on SDA and ALERT, although a pull-up resistor is typically present
on the SCL as well. A 0.01-
μF bypass capacitor on the supply is recommended, as shown in Figure 18. The
SCL, SDA, and ALERT lines can be pulled up to a supply that is equal to or higher than VS through the pull-up
resistors. To configure one of eight different addresses on the bus, connect A0, A1, and A2 to either VS or GND.
8.2.2 Detailed Design Procedure
The TMP75C should be placed in close proximity to the heat source to be monitored, with a proper layout for
good thermal coupling. This ensures that temperature changes are captured within the shortest possible time
interval.
8.2.3 Application Curves
Figure 19 shows the step response of the TMP75C to a submersion in an oil bath of 100°C from room
temperature (27°C). The time-constant, or the time for the output to reach 63% of the input step, is 1.5 seconds.
Figure 19. Temperature Step Response
9 Power Supply Recommendations
The TMP75C operates with a power supply in the range of 1.4 V to 3.6 V. It is optimized for operation at 1.8-V
supply but can measure temperature accurately in the full supply range.
A power-supply bypass capacitor is required for stability; place this capacitor as close as possible to the supply
and ground pins of the device. A typical value for this supply bypass capacitor is 0.01
μF. Applications with noisy
or high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.
20
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com