Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP75C Datasheet HTML 12Page - Texas Instruments TMP75C Datasheet HTML 13Page - Texas Instruments TMP75C Datasheet HTML 14Page - Texas Instruments TMP75C Datasheet HTML 15Page - Texas Instruments TMP75C Datasheet HTML 16Page - Texas Instruments TMP75C Datasheet HTML 17Page - Texas Instruments TMP75C Datasheet HTML 18Page - Texas Instruments TMP75C Datasheet HTML 19Page - Texas Instruments TMP75C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
One-Shot
Register
TMP75C
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
7.5 Programming
Figure 12 shows the internal register structure of the TMP75C. Use the 8-bit pointer register to address a given
data register. The pointer register uses the three LSBs to identify which of the data registers respond to a read or
write command. Figure 13 identifies the bits of the pointer register byte.
Figure 12. Internal Register Structure
7.6 Register Map
Table 4 describes the registers available in the TMP75C with their pointer addresses, followed by the description
of the bits in each register.
Table 4. Register Map and Pointer Addresses
P2
P1
P0
REGISTER
0
0
0
Temperature register (read only, default)
0
0
1
Configuration register (read/write)
0
1
0
TLOW register (read/write)
0
1
1
THIGH register (read/write)
1
0
0
One-Shot register (write only; write any value to start a
conversion)
Figure 13. Pointer Register (pointer = N/A) [reset = 00h]
7
6
5
4
3
2
1
0
Reserved
P2
P1
P0
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; R = Read only; W = Write only; -n = value after reset
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com