Electronic Components Datasheet Search
  English  ▼

X  

TMP75C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75C
Description  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75C Datasheet(HTML) 1 Page - Texas Instruments

  TMP75C Datasheet HTML 1Page - Texas Instruments TMP75C Datasheet HTML 2Page - Texas Instruments TMP75C Datasheet HTML 3Page - Texas Instruments TMP75C Datasheet HTML 4Page - Texas Instruments TMP75C Datasheet HTML 5Page - Texas Instruments TMP75C Datasheet HTML 6Page - Texas Instruments TMP75C Datasheet HTML 7Page - Texas Instruments TMP75C Datasheet HTML 8Page - Texas Instruments TMP75C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
±3
±2
±1
0
1
2
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
Mean - 6
Mean + 6
C005
TMP75C
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
0.01 2F
Two-Wire
Host Controller
1.4 V to 3.6 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP75C
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
1 Features
3 Description
The TMP75C is an integrated digital temperature
1
•
Low-Voltage Alternative to NCT75 and ADT75
sensor with a 12-bit analog-to-digital converter (ADC)
•
Digital Output with Two-Wire Serial Interface
that can operate at a 1.8-V supply, and is pin and
•
Up to 8 Pin-Programmable Bus Addresses
register compatible with the NCT75 and ADT75. This
device
is
available
in
SOIC-8
and
VSSOP-8
•
Overtemperature ALERT Pin with Programmable
packages and requires no external components to
Trip Values
sense the temperature. The TMP75C is capable of
•
Shutdown Mode for Battery Power Saving
reading temperatures with a resolution of 0.0625°C
•
One-Shot Conversion Mode
and is specified over a temperature range of –55°C to
+125°C.
•
Operating Temperature Range: –55°C to +125°C
•
Operating Supply Range: 1.4 V to 3.6 V
The TMP75C features SMBus and two-wire interface
compatibility, and allows up to eight devices on the
•
Quiescent Current:
same bus with the SMBus overtemperature alert
–
15
μA Active (typ)
function. The programmable temperature limits and
–
0.3
μA Shutdown (typ)
the ALERT pin allow the sensor to operate as a
stand-alone thermostat, or an overtemperature alarm
•
Accuracy:
for power throttling or system shutdown.
–
±0.25°C (typ) from 0°C to +70°C
The factory-calibrated temperature accuracy and the
–
±0.5°C (typ) from –20°C to +85°C
noise-immune digital interface make the TMP75C the
–
±1°C (typ) from –55°C to +125°C
preferred solution for temperature compensation of
•
Resolution: 12 Bits (0.0625°C)
other sensors and electronic components, without the
need
for
additional
system-level
calibration
or
•
Packages: SOIC-8 and VSSOP-8
elaborate board layout for distributed temperature
sensing.
2 Applications
The TMP75C is ideal for thermal management and
•
Server and Computer Thermal Management
protection of a variety of consumer, computer,
•
Telecommunication Equipment
communication,
industrial,
and
environmental
•
Office Machines
applications.
•
Video Game Consoles
Device Information(1)
•
Set-Top Boxes
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
•
Power Supply and Battery Thermal Protection
SOIC (8)
4.90 mm × 3.90 mm
•
Thermostat Control
TMP75C
VSSOP (8)
3.00 mm × 3.00 mm
•
Environmental Monitoring and HVAC
(1) For all available packages, see the package option addendum
•
Electrical Motor Driver Thermal Protection
at the end of the datasheet.
Temperature Accuracy (Error) vs Ambient
Simplified Schematic
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP75C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75C TI2-TMP75C Datasheet
735Kb / 33P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
REVISED AUGUST 2014
TMP75C TI2-TMP75C Datasheet
747Kb / 33P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
NOVEMBER 2016
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI2-TMP75C-Q1 Datasheet
747Kb / 33P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
NOVEMBER 2016
TMP75C-Q1 TI2-TMP75C-Q1 Datasheet
735Kb / 33P
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
REVISED AUGUST 2014
More results

Similar Description - TMP75C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75B TI-TMP75B Datasheet
989Kb / 31P
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com