Electronic Components Datasheet Search
  English  ▼

X  

SM5906AF Datasheet(PDF) 24 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 24 Page - Nippon Precision Circuits Inc

Back Button SM5906AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 28Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
NIPPON PRECISION CIRCUITS-24
SM5906AF
– DRAM initialization refresh
An 8-cycle RAS-only refresh is carried out for
DRAM initialization under the following conditions.
When MSON changes from 0 to 1 using command
80H.
When
from
MSON=1,
MSRDEN=0
and
MSWREN=0 states only MSWREN changes to 1.
In this case, write sequence immediately starts and
initial data is written (at 2fs rate input) after a delay
of 50
µs.
– Refresh during Shock-proof mode operation
In this IC, a data access operation to any address
also serves as a data refresh.
A data access to DRAM can occur in an write
sequence write operation or in a read sequence
read operation. Write sequence write operation
stops during a connect operation whereas a read
sequence read operation always continues while
data is output to the D/A. The refresh rate for each
DRAM during read sequence is shown in the table
below.
The read sequence, set by MSON=1 and MSR-
DEN=1, operates when valid data is in DRAM
(when MSEMP=0).
– When MSON=0, DRAM is not refreshed because
no data is being accessed. Although MSON=1,
DRAM is not refreshed if ENCOD=0 and DECOD=0
(both encode and decode sequence are stopped).
DRAM refresh
Table 2. Read sequence refresh rate
DRAMs used
Data compression mode
4M (1M
×4 bits)
16M(4M
×4 bits)
CDDA mode
2.91 ms
5.81 ms
VCD mode
2.58 ms
5.17 ms
SVC mode
1.29 ms
2.59 ms
Write sequence temporary stop
– When RAM becomes full, MSWREN is set LOW
using the 80H command and write sequence stops.
(For details of the stop conditions, refer to the
description of the WASQ flag.)
– Then, if MSWREN is set HIGH without issuing a
compare-connect start command, the write
sequence re-starts. At this time, new input data is
written not to VWA, but to WA. In this way, the data
already written to the region between VWA and WA
is not lost.
– But if the MSWREN is set HIGH (80H command)
after using the compare-connect start command
even only once, data is written to VWA. If data is
input before comparison and conformance is
detected, the same operation as direct-connect
mode takes place when the command is issued.
After comparison and conformance are detected,
no operation is performed because the write
sequence has already been started. However,
make sure that the other bit settings within the
same 80H command are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com