Electronic Components Datasheet Search
  English  ▼

X  

SM5906AF Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5906AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NIPPON PRECISION CIRCUITS-3
SM5906AF
Pin description
Pin number
Pin name
I/O
Function
Setting
HL
16
ZSRDATA
O
Serial output data
17
ZC2PO
O
Serial output C2PO data
18
YFLAG
I
Signal processor IC RAM overflow flag
19
YBLKCK
I
Subcode block clock signal
20
NRESET
I
System reset pin
Reset
21
ZSENSE
O
Microcontroller interface status output
22
YDMUTE
I
Forced mute pin
Mute
23
YMLD
I
Microcontroller interface latch clock
24
VSS2
–
Ground
25
VDD3
–
VDD supply pin
26
YMDATA
I
Microcontroller interface serial data
27
YMCLK
I
Microcontroller interface shift clock
28
NRAS
O
DRAM RAS control
29
NCAS
O
DRAM CAS control
30
D2
Iu/O
DRAM data input/output 2
31
D3
Iu/O
DRAM data input/output 3
32
D0
Iu/O
DRAM data input/output 0
33
D1
Iu/O
DRAM data input/output 1
34
NWE
O
DRAM WE control
35
A10
O
DRAM address 10
36
VSS3
–
Ground
37
VDD4
–
VDD supply pin
38
A9
O
DRAM address 9
39
A8
O
DRAM address 8
40
A7
O
DRAM address 7
41
A6
O
DRAM address 6
42
A5
O
DRAM address 5
43
A4
O
DRAM address 4
44
A0
O
DRAM address 0
45
A1
O
DRAM address 1
46
A2
O
DRAM address 2
47
A3
O
DRAM address 3
48
VSS4
–
Ground
Iu : Input pin with pull-up resistor, Id : Input pin with pull-down resistor
Iu/O : Input/Output pin (With pull-up resistor when in input mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com