Electronic Components Datasheet Search
  English  ▼

X  

SM5906AF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5906AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
NIPPON PRECISION CIRCUITS-6
SM5906AF
CWH
t
CWL
t
CY
t
0.5VDD
CLK
AC characteristics
Standard voltage: VDD1 = VDD2 = VDD3 = VDD4 = 2.7 to 3.6V, VSS1 = VSS2 =VSS3 =VSS4 =0V, Ta = –10 to 70 ˚C
(*) Typical values are for fs = 44.1 kHz
System clock (CLK pin)
Parameter
Symbol
Condition
Rating
Unit
System clock
Min
Typ
Max
Clock pulsewidth (HIGH level)
tCWH
26
29.5
50
ns
Clock pulsewidth (LOW level)
tCWL
26
29.5
50
ns
Clock pulse cycle
tCY
384fs
58
59
100
ns
System clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com