Electronic Components Datasheet Search
  English  ▼

X  

SM5906AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5906AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
NIPPON PRECISION CIRCUITS-2
SM5906AF
Package dimensions (Unit: mm)
48-pin QFP
Pin description
0.5
9 0.4
7
0.1
0.18 0.05
0.1
0.125
0.025
0.5
0.5 0.2
Pin number
Pin name
I/O
Function
Setting
HL
1
VDD1
VDD supply pin
2
UC1
Iu/O
Microcontroller interface extension I/O 1
3
UC2
Iu/O
Microcontroller interface extension I/O 2
4
UC3
Iu/O
Microcontroller interface extension I/O 3
5
NTEST1
Iu
Test pin
Test
6
TEST2
Id
Test pin
Test
7
CLK
I
16.9344 MHz clock input
8
YC2PO
I
Serial input C2PO data
9
YSRDATA
I
Serial input data
10
YLRCK
I
Serial input LR clock
Left channel
Right channel
11
YSCK
I
Serial input bit clock
12
VSS1
Ground
13
VDD2
VDD supply pin
14
ZLRCK
O
Serial output LR clock
Left channel
Right channel
15
ZSCK
O
Serial output bit clock
Iu : Input pin with pull-up resistor, Id : Input pin with pull-down resistor
Iu/O : Input/Output pin (With pull-up resistor when in input mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com