Electronic Components Datasheet Search
  English  ▼

X  

SM5906AF Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5906AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
NIPPON PRECISION CIRCUITS-14
SM5906AF
Bit
Name
Function
H operation
Reset level
D7
NMSOFF
Input signals connected directly to the outputs (changes instantaneously)
New through mode
L
D6
MUTE
Forced muting (changes instantaneously)
Mute ON
L
D5
REFRESH
DRAM refresh cycle performed during momentary pause to restore data
REFRESH ON
L
D4
SCOFF
Ignore sync cycle, and update comparison data when sync data is detected.
SYNCCNT OFF
L
D3
D2
D1
D0
1000 0011
83hex =
Refer to "Forced mute", and "SYNC and Header data".
Bit
Name
Function
H operation Reset level
D7
RAMSEL
DRAM select (16M/4M)
16M
L
D6
D5
D4
YFLGS
FLAG6 set conditions
L
YFLGS = LOW, YFLAG = LOW : FLAG6 active
YFLGS = HIGH, YFLAG = HIGH : FLAG6 active
D3
IBSEL2
Bit clock select
L
IBSEL2 = HIGH, IBSEL1 = HIGH : 32-bit mode
D2
IBSEL1
IBSEL2 = LOW, IBSEL1 = HIGH : 16-bit mode
L
All other cases: 24-bit mode
D1 CDMODE2
Mode select
L
– When MSON = HIGH
CDMODE2 = LOW, CDMODE1 = LOW : CDDAMODE
CDMODE2 = LOW, CDMODE1 = HIGH : VCDMODE
CDMODE2 = HIGH, CDMODE1 = LOW : SVCMODE
CDMODE2 = HIGH, CDMODE1 = HIGH : VCDMODE
D0 CDMODE1
– When MSON = LOW
L
CDMODE2 = LOW, CDMODE1 = LOW : CDDAMODE
CDMODE2 = LOW, CDMODE1 = HIGH : VCDMODE
CDMODE2 = HIGH, CDMODE1 = LOW : CDDAMODE
CDMODE2 = HIGH, CDMODE1 = HIGH : VCDMODE
1000 0101
85hex =
Function settings 83
Option settings 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com