| Electronic Components Datasheet Search |
|
SM5906AF Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5906AF Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc |
|
25 / 30 page ![]() NIPPON PRECISION CIRCUITS-25 SM5906AF Through-mode operation If MSON is set LOW (80H command), an operating mode that does not perform shock-proof functions becomes active. In this case, input data is passed as-is (except Force mute operation) to the output. External DRAM is not accessed. Also, in through mode, the bit clock and CDDA and VCD mode (85H command) settings become valid. Note that SVC mode cannot be used in through mode, revert- ing to CDDA mode instead. – In this case, input data needs to be at a rate fs and the input word clock must be synchronized to the CLK input (384fs). However, short-range jitter can be tolerated (jitter-free system). – Jitter-free system timing starts from the first YLRCK rising edge after either (A) a reset (NRE- SET= 0) release by taking the reset input from LOW to HIGH or (B) by taking MSON from HIGH to LOW. Accordingly, to provide for the largest possi- ble jitter margin, it is necessary that the YLRCK clock be at rate fs by the time jitter-free timing starts. The jitter margin is 0.2/ fs (80 clock cycles). This jitter margin is the allowable difference between the system clock (CLK) divided by 384 (fs rate clock) and the YLRCK input clock. If the timing difference exceeds the jitter margin, irregular operation like data being output twice or, conversely, incomplete data output may occur. In the worst case, a click noise may also be generat- ed. When switching from shock-proof mode to through mode, an output noise may be generated, and it is therefore recommended to use the YDMUTE set- ting to mute ZSRDATA until just before data output. – When NMSOFF = 1 (83H command), the YSCK, YSRDATA, YLRCK, YC2PO inputs are connected directly to the ZSCK, ZSRDATA, ZLRCK, ZC2PO outputs, respectively. When the connection is switched, the input clock and data pins are switched instantaneously to the output clock and data pins, so the outputs should be muted just prior to switching. – REFRESH flag (85H) refresh In shock-proof mode, if operation momentarily stops (WRSQ and RDSQ stop), data in DRAM would be lost. In order to be able to use data in DRAM after such a stop, a refresh mode is provid- ed that can refresh data, even during a momentary pause in operation. 1. In shock-proof mode, with WASQ and RASQ in an operating state, only WASQ stops if a stop command is issued (if WASQ is already in the stop state, then the stop command is not required). 2. Set the REFRESH flag HIGH using the 83H com- mand. The outputs are then muted, and read operation also stops. The last read address RAL is stored. 3. At this point, RDSQ is operating and DRAM is being accessed without updating and DRAM data. The operation is similar to momentary stop operation because the outputs are muted. DRAM is repeatedly accessed using read addresses from RAL to VWA. 4. Set the REFRESH flat LOW using the 83H com- mand to release the momentary stop command. At this point, the read address is restored to RAL and data read out starts from this address. Simultaneously, the output muting is also released. 5. When WRSQ starts, send the compare com- mand, and writing starts from after the VWA. If this operation occurs when MSWREN is HIGH, the WA, VWA, and RA address relationship may be lost, resulting in incorrect operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |