Electronic Components Datasheet Search
  English  ▼

X  

SM8213 Datasheet(PDF) 27 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 27 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 26Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 27Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 28Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 29Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 30Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 31Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—27
Decoder Set Flags
These flags set the auxiliary operating modes. See
“Decoder Set Command Transfer” for a description
of each auxiliary operating mode.
Note that the start command is accepted when in
back-up, write, or BS-test mode. The start command
is not accepted in modes other than these three. Also
note that the write command is invalid in write mode.
Bits 1 to 2 and bit 8
These bits form the decoder set command.
Only one of bits 3 to 7 can be logic 1 at any given
time to select the corresponding auxiliary operating
mode. If more than one bit is 1 at any time, operation
may become unstable.
Bit 3
Break mode (command) flag.
When 1, break mode operation is invoked.
Bit 4
Back-up mode (command) flag.
When 1, back-up mode operation is invoked.
Bit 5
Write mode (command) flag.
When 1, write mode operation is invoked.
Bit 6
BS-test mode (command) flag.
When 1, BS-test mode operation is invoked.
Bit 7
Start mode (command) flag.
When 1, start mode operation is invoked.
Table 8. Decoder set flags
Bit
Decoder setting flag
11
20
3
BREAK
4
BACK - UP
5
WRITE
6
BS - TEST
7START
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com