Electronic Components Datasheet Search
  English  ▼

X  

SM8213 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8213 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
Recommended operating conditions unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
VSS − 0.3 to VDD + 0.3
V
Power dissipation
PD
250
mW
Storage temperature range
Tstg
−40 to 125
°C
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
2.0 to 3.5
V
Operating temperature range
Topr
−20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating current consumption
(IDLE mode)1
1. CLKO output is inactive. The consumption current is slightly higher when RSTN is going LOW.
IDD1
VDD = 3.0 V
–
3.0
6.0
µA
VDD = 2.0 V
–
2.0
4.0
Standby supply current2
2. Oscillator circuit is working.
IDD2
VDD = 3.0 V
–
3.0
6.0
µA
VDD = 2.0 V
–
2.0
4.0
HIGH-level input voltage (all inputs)
VIH
0.8VDD
––
V
LOW-level input voltage (all inputs)
VIL
–
–
0.2VDD
V
HIGH-level output current
(all outputs except XTN)
IOH
VOH = 2.6 V, VDD = 3.0 V
0.6
1.4
–
mA
LOW-level output current
(all outputs except XTN)
IOL
VOL = 0.4 V, VDD = 3.0 V
1.0
2.2
–
mA
HIGH-level output current
(all outputs except XTN)
IOH
VOH = 1.6 V, VDD = 2.0 V
0.3
0.7
–
mA
LOW-level output current
(all outputs except XTN)
IOL
VOL = 0.4 V, VDD = 2.0 V
0.7
1.5
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com