Electronic Components Datasheet Search
  English  ▼

X  

SM8213 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—10
Battery Saving (BS1, BS2, BS3)
The SM8213AM controls the intermittent-duty oper-
ation of the RF stage, which reduces battery con-
sumption, and three output control signals (BS1,
BS2, BS3). The function each signal controls in each
mode is described below.
s
BS1 (RF-control main output signal)—The RF
stage is active when BS1 is HIGH. The rising-
edge setup time for receive timing is set by flags
RF0 to RF5 (61 steps). The maximum setup time
is 25.417 ms at 2400 bps, 50.833 ms at 1200 bps,
and 119.141 ms at 512 bps. Note that 3EH and
3FH are invalid settings for BS1.
s
BS2 (RF DC-level adjustment signal)—BS2 is
used to control the discharge of the receive signal
DC-cut capacitor. The function of BS2 is deter-
mined by flag BS2, as described below.
• When flag BS2 is 0, pin BS2 goes HIGH
together with BS1 and then goes LOW again
after the BS1 setup time (idle mode). In pream-
ble and lock mode (during address/message
reception), it stays LOW.
• When flag BS2 is 1, pin BS2 goes HIGH during
lock mode sync code receive timing and idle
mode signal receive timing. In preamble mode,
it stays LOW.
s
BS3 (PLL setup signal)—BS3 is used to control
PLL operation when the PLL is used. The rising-
edge setup time for receive timing is set by flags
PL0 to PL5 (61 steps). The maximum setup time
is 25.833 ms at 2400 bps, 51.667 ms at 1200 bps,
and 121.094 ms at 512 bps. Note that 3FH is an
invalid setting for BS3.
Note that the setup times should be set up such that
(BS3 rising-edge setup time) > (BS1 rising-edge
setup time).
Figure 3. BS1, BS2 and BS3 timing (Lock mode, frame 3)
01
23
456
7
0
1
3
4
5
6
7
2
01
23
456
7
0
1
3
4
5
6
7
2
Self address
1.953*Nms (0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms) [0.417*Mms]
1.953*Nms (0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms) [0.417*Mms]
BREAK detection to reception stop (32 bit max.)
Receive code
BS1
BREAK command
BS2
(flag BS2 option = 0)
BS2
(flag BS2 option = 1)
BS3
Receive code
BS1
BS2
(flag BS2 option = 0)
BS2
(flag BS2 option = 1)
BS3
Address does not match
Self address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com