Electronic Components Datasheet Search
  English  ▼

X  

SM8213 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—8
Code words (address and message signals)
Each code word comprises 32 bits as shown in table 2.
Call number to call sign conversion
This conversion expands a 7-digit decimal call num-
ber into a 21-bit binary call sign, as shown in figure
2.
After expansion, the high-order 18 bits are assigned
to bits 2 to 19 (address signal), and the low-order 3
bits are the user-defined frame identification pattern,
which is stored in ID-ROM. The two function bits
define which of four call functions is active.
Table 2. Code word format
Code word
Bit number
1 (MSB)1
1. The MSB is the address/message code word control bit. It is 0 for an address signal, and 1 for a message signal.
2 to 192
2. Bits 2 to 21 contain the address or message information.
20, 212
22 to 313
3. Bits 22 to 31 are BCH(31,21) format generated check bits, where BCH(n,k) = BCH(word length, number of information bits).
32 (LSB)4
4. The LSB is an even-parity bit for bits 1 to 31.
Address signal
0
Address bits
Function bits
Check bits
Even-parity bit
Message signal
1
Message bits
Check bits
Even-parity bit
20
21
Function
0
0
A call
0
1
B call
1
0
C call
1
1
D call
Figure 2. Call number to call sign conversion
1
2
3456
7
1234
56
789 10 11 12 13 14 15 16 17 18 19 20 21
MSB
LSB
7 - digit decimal call signal (gap code) (8 to 2000000)
21 - bit binary conversion
Call sign
0
1
2
19
20
21
32
31
22
Frame
identification
pattern
Even - parity bit
(for bits 1 to 31)
BCH(31, 21) generated check bits
Flag : "0" = Adderss signal
Function bits
Bits 2 to 19 (18 bits)
Bits 22 to 31 (10 bits)
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com